Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA381 Datasheet HTML 23Page - Texas Instruments INA381 Datasheet HTML 24Page - Texas Instruments INA381 Datasheet HTML 25Page - Texas Instruments INA381 Datasheet HTML 26Page - Texas Instruments INA381 Datasheet HTML 27Page - Texas Instruments INA381 Datasheet HTML 28Page - Texas Instruments INA381 Datasheet HTML 29Page - Texas Instruments INA381 Datasheet HTML 30Page - Texas Instruments INA381 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
VOUT
RESET
ALERT
IN+
IN±
VS+
GND
CMPIN
CMPREF
10 NŸ
RPULL-UP
+
±
+
-
G = 200
2.5 NŸ
5 V
5 V
INA381-Q1
Boost
Converter
12 V
90 V
Gate
Driver
10 NŸ
5 V
R1
R2
Enable, Disable
5 m
27
INA381-Q1
www.ti.com
SLYS041 – MARCH 2020
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2.2 Solenoid Low-Side Current Sensing
Figure 52. Solenoid Low-Side Current-Sensing
8.2.2.1 Design Requirements
Table 8 lists the parameters of an application design using the INA381-Q1 and ALERT functionality to create a
low-side current-sense amplifier with less than a 20-µs system shutdown.
Table 8. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
Power-supply voltage
5 V
Low-side current sensing
VCM = 0 V
Mode of operation
Unidirectional
Maximum current sense threshold
4.0 A
ALERT response time
< 20 µs
ALERT pin mode
Transparent
RSENSE resistor
5 mΩ
Gain option
200 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com