Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments INA381 Datasheet HTML 15Page - Texas Instruments INA381 Datasheet HTML 16Page - Texas Instruments INA381 Datasheet HTML 17Page - Texas Instruments INA381 Datasheet HTML 18Page - Texas Instruments INA381 Datasheet HTML 19Page - Texas Instruments INA381 Datasheet HTML 20Page - Texas Instruments INA381 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17
INA381-Q1
www.ti.com
SLYS041 – MARCH 2020
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Alert Modes
The device has two output operating modes, transparent and latched, that are selected based on the RESET pin
setting. These modes change how the ALERT pin responds after an alert when the overcurrent condition is
removed.
7.4.1.1 Transparent Output Mode
The device is set to transparent mode when the RESET pin is pulled low, allowing the output alert state to
change and follow the input signal with respect to the programmed alert threshold. For example, when the
differential input signal exceeds the alert threshold, the alert output pin is pulled low. When the differential input
signal drops to less than the alert threshold, the output returns to the default high-output state. A common
implementation using the device in transparent mode is to connect the ALERT pin to a hardware interrupt input
on a microcontroller. When an overcurrent condition is detected and the ALERT pin is pulled low, the controller
interrupt pin detects the output state change and begins making changes to the system operation required to
address the overcurrent condition. Under this configuration, the ALERT pin high-to-low transition is captured by
the microcontroller, and the output returns to the default high state when the overcurrent event is removed.
7.4.1.2 Latch Output Mode
Some applications cannot continuously monitor the state of the output ALERT pin to detect an overcurrent
condition, as described in the Transparent Output Mode section. A typical example of this type of application is a
system that only periodically polls the ALERT pin state to determine if the system is functioning correctly. If the
device is set to transparent mode in this type of application, the state change of the ALERT pin can be missed
when ALERT is pulled low if the out-of-range condition does not appear during one of these periodic polling
events. Latch output mode is specifically intended to accommodate these applications.
As shown in Table 1, the device is placed into the corresponding output mode based on the signal connected to
RESET. The difference between latch mode and transparent mode is how the alert output responds when an
overcurrent event ends. In transparent mode (RESET = low), when the differential input signal drops below the
limit threshold level after the ALERT pin asserts because of an overcurrent event, the state of the ALERT pin
returns to the default high setting to indicate that the overcurrent event is complete.
Table 1. Output Mode Settings
OUTPUT MODE
RESET PIN SETTING
Transparent
RESET = low
Latch
RESET = high
In latch mode (RESET = high), when an overlimit condition is detected and the ALERT pin is pulled low, the
ALERT pin does not return to the default high state when the differential input signal drops to less than the alert
threshold level. To clear the alert, the RESET pin must be pulled low for at least 100 ns. If the differential input
signal is less than the alert threshold, pull the RESET pin low to return ALERT to the default high level. If the
input signal exceeds the threshold limit when the RESET pin is pulled low, the ALERT pin remains low. When the
alert condition is detected by the system controller, set the RESET pin back to high to place the device back in
latch mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com