Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA381 Datasheet HTML 21Page - Texas Instruments INA381 Datasheet HTML 22Page - Texas Instruments INA381 Datasheet HTML 23Page - Texas Instruments INA381 Datasheet HTML 24Page - Texas Instruments INA381 Datasheet HTML 25Page - Texas Instruments INA381 Datasheet HTML 26Page - Texas Instruments INA381 Datasheet HTML 27Page - Texas Instruments INA381 Datasheet HTML 28Page - Texas Instruments INA381 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
±0.2 V to +26 V
Load
VS
IN+
IN±
2.7 V to 5.5 V
IN+
IN±
2.7 V to 5.5 V
10 k:
RPULL-UP
VOUT
ALERT
ALERT
10 k:
RPULL-UP
CMPIN
CMPIN
VOUT
G = 20, 50,
100, 200
G = 20, 50,
100, 200
INA381-Q1
INA381-Q1
5 V
5 V
R1
R2
R3
R4
CMPREF
CMPREF
VS+
VS+
+
±
+
±
RSENSE
+
±
+
±
RESET
RESET
25
INA381-Q1
www.ti.com
SLYS041 – MARCH 2020
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2 Typical Applications
8.2.1 Bidirectional Window Comparator
Figure 50. Bidirectional Window Comparator
8.2.1.1 Design Requirements
Table 6 lists the parameters for a design example of a high-side INA381-Q1 measuring in the forward direction,
and one low-side INA381-Q1 measuring in the reverse direction. This example designs for maximum accuracy
and also uses the alert function of both devices.
Table 6. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
RSENSE
12 mΩ
Power-supply voltage
5 V
Common-mode voltage
20 V
Maximum sense current
20 A
Small-signal bandwidth
> 120 kHz
Alert current threshold
19 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com