Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA381 Datasheet HTML 18Page - Texas Instruments INA381 Datasheet HTML 19Page - Texas Instruments INA381 Datasheet HTML 20Page - Texas Instruments INA381 Datasheet HTML 21Page - Texas Instruments INA381 Datasheet HTML 22Page - Texas Instruments INA381 Datasheet HTML 23Page - Texas Instruments INA381 Datasheet HTML 24Page - Texas Instruments INA381 Datasheet HTML 25Page - Texas Instruments INA381 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ALERT
IN+
IN±
GND
CMPIN
10 k:
RPULL-UP
+
±
±0.2 V to 26 V
+
±
G = 20, 50,
100, 200
2.7 V to 5.5 V
RSENSE
Load
INA381-Q1
< 10
< 10
VOUT
VS+
RESET
CMPREF
R1
R2
5 V
RESET
ALERT
IN+
IN±
GND
CMPIN
CMPREF
10 k:
RPULL-UP
+
±
0 V to 26 V
+
±
G = 20, 50,
100, 200
R1
R2
5 V
2.7 V to 5.5 V
RSENSE
Load
INA381-Q1
< 10
< 10
VOUT
VS+
22
INA381-Q1
SLYS041 – MARCH 2020
www.ti.com
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.1.3 Operation With Common-Mode Transients Greater Than 26 V
With a small amount of additional circuitry, the INA381-Q1 can be used in circuits subject to transients greater
than 26 V. Use only Zener diodes or Zener-type transient absorbers (sometimes referred to as transorbs)—any
other type of transient absorber has an unacceptable time delay. Start by adding a pair of resistors as shown in
Figure 47 as a working impedance for the Zener diode. Keep these resistors as small as possible; most often
approximately 10
Ω. Larger values can be used with an effect on gain that is discussed in the Input Filtering
section. This circuit limits only short-term transients and, therefore, many applications are satisfied with a 10-
Ω
resistor along with conventional Zener diodes of the lowest acceptable power rating. This combination uses the
least amount of board space. These diodes can be found in packages as small as SOT-523 or SOD-523.
Figure 47. Transient Protection
In the event that low-power Zener diodes do not have sufficient transient absorption capability, use a higher-
power transorb. Figure 47 shows that the most package-efficient solution involves using a single transorb and
back-to-back diodes between the device inputs. The most space-efficient solutions are dual, series-connected
diodes in a single SOT-523 or SOD-523 package. In either of the examples provided in Figure 47 and Figure 48,
the total board area required by the INA381-Q1 with all protective components is less than that of an SOIC-8
package, and only slightly greater than that of a VSSOP-8 package.
Figure 48. Transient Protection Using a Single Transorb and Input Clamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com