Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA381 Datasheet HTML 16Page - Texas Instruments INA381 Datasheet HTML 17Page - Texas Instruments INA381 Datasheet HTML 18Page - Texas Instruments INA381 Datasheet HTML 19Page - Texas Instruments INA381 Datasheet HTML 20Page - Texas Instruments INA381 Datasheet HTML 21Page - Texas Instruments INA381 Datasheet HTML 22Page - Texas Instruments INA381 Datasheet HTML 23Page - Texas Instruments INA381 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20
INA381-Q1
SLYS041 – MARCH 2020
www.ti.com
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Application Information (continued)
8.1.1.1 Select a Current-Sensing Resistor: Example
In this example, the trade-offs involved in selecting a current-sensing resistor are discussed. This example
requires 5% accuracy for detecting a 10-A overcurrent event under 20 µs where only 250 mW is allowable for the
dissipation across the current-sensing resistor at the full-scale current level. Although the maximum power
dissipation is defined as 250 mW, a lower dissipation is preferred to improve system efficiency. Given the total
error budget of 5%, the INA381-Q1 total error is less than 1%. The INA381-Q1 is well suited for this application
because up to 1% of error is available to be attributed to the measurement error of the device under these
conditions.
As shown in Table 2, the maximum value calculated for the current-sensing resistor with these requirements is
2.5 mΩ. Although this value satisfies the maximum power dissipation requirement of 250 mW, headroom is
available from the 2.5% maximum total overcurrent detection error to reduce the value of the current-sensing
resistor and reduce the power dissipation further. Selecting a 1.5-mΩ, current-sensing resistor value offers a
good tradeoff for reducing the power dissipation in this scenario by approximately 40% and still remaining within
the accuracy region.
Table 2. Calculating the Current-Sensing Resistor (RSENSE)
PARAMETER
EQUATION
VALUE
UNIT
IMAX
Maximum current
10
A
PD_MAX
Maximum allowable power dissipation
250
mW
RSENSE_MAX
Maximum allowable RSENSE
PD_MAX / IMAX
2
2.5
mΩ
VOS
Offset voltage, VCM = 12 V
500
µV
VOS_ERROR
Initial offset voltage error
(VOS / (RSENSE_MAX × IMAX ) × 100
2%
EG
Gain error
1%
ERRORTOTAL
Total measurement error
√(VOS_ERROR
2 + E
G
2)
2.23%
Allowable current threshold accuracy
5%
tp
Total system overcurrent response time
10
µs
Allowable overcurrent response
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com