Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments INA381 Datasheet HTML 12Page - Texas Instruments INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments INA381 Datasheet HTML 15Page - Texas Instruments INA381 Datasheet HTML 16Page - Texas Instruments INA381 Datasheet HTML 17Page - Texas Instruments INA381 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
IN+
IN±
±0.2 V to +26 V
Power Supply
IN+
IN±
High-side sensing
common-mode voltage (VCM)
is bus-voltage dependent.
Low-side sensing
common-mode voltage (VCM)
is always near ground and is
isolated from bus-voltage spikes.
Load
GND
RSENSE
RSENSE
14
INA381-Q1
SLYS041 – MARCH 2020
www.ti.com
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Wide Input Common-Mode Voltage Range
The INA381-Q1 supports input common-mode voltages from –0.2 V to +26 V. As a result of the internal topology,
the common-mode range is not restricted by the power-supply voltage (VS) as long as VS stays within the
operational range of 2.7 V to 5.5 V. As Figure 40 shows, the ability to operate with common-mode voltages
greater or less than VS allows the INA381-Q1 to be used in high-side, as well as low-side, current-sensing
applications.
Figure 40. High-Side and Low-Side Current Sensing
7.3.2 Precise Low-Side Current Sensing
When used in low-side current-sensing applications, the offset voltage of the INA381-Q1 is less than 150 µV.
The low offset performance of the device has several benefits. First, the low offset allows the device to be used
in applications that must measure current over a wide dynamic range. In this case, the low offset voltage
improves accuracy when the sense currents are on the low end of the measurement range. Another advantage
of low offset voltage is the ability to sense lower voltage drops across the sense resistor accurately, thus allowing
for a lower-value shunt resistor. Lower-value shunt resistors reduce power loss in the current-sense circuit, and
help improve the power efficiency of the end application.
The gain error of the INA381-Q1 is specified to be within 1% of the actual value. As the sensed voltage becomes
much larger than the offset voltage, this gain error becomes the dominant source of error in the current-sense
measurement.
7.3.3 High Bandwidth and Slew Rate
The INA381-Q1 supports small-signal bandwidths as high as 350 kHz, and large-signal slew rates of 2 V/µs. The
ability to detect rapid changes in the sensed current, as well as the ability to quickly slew the output, makes the
INA381-Q1 a good choice for applications that require a quick response to input current changes. One
application that requires high bandwidth and slew rate is low-side motor control, where the ability to follow rapid
changing current in the motor allows for more accurate control over a wider operating range. Another application
that requires higher bandwidth and slew rates is system fault detection. The integrated comparator within the
INA381-Q1 is designed to quickly detect when the sense current is out-of-range, and provide a digital output on
the ALERT pin for quicker and faster responses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com