Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 37 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 37 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 33Page - Nuvoton Technology Corporation M262 Datasheet HTML 34Page - Nuvoton Technology Corporation M262 Datasheet HTML 35Page - Nuvoton Technology Corporation M262 Datasheet HTML 36Page - Nuvoton Technology Corporation M262 Datasheet HTML 37Page - Nuvoton Technology Corporation M262 Datasheet HTML 38Page - Nuvoton Technology Corporation M262 Datasheet HTML 39Page - Nuvoton Technology Corporation M262 Datasheet HTML 40Page - Nuvoton Technology Corporation M262 Datasheet HTML 41Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 37 of 398
Rev 1.02
4.2
Pin Description
4.2.1
M261 Series Performance Series Pin Description
MFP* = Multi-function pin. (Refer to section SYS_GPx_MFPL and SYS_GPx_MFPH)
PA.0 MFP0 means SYS_GPA_MFPL[3:0] = 0x0.
PA.9 MFP5 means SYS_GPA_MFPH[7:4] = 0x5.
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
1
2
1
PB.5
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH5
A
MFP1
EADC0 channel 5 analog input.
ACMP1_N
A
MFP1
Analog comparator 1 negative input pin.
EBI_ADR0
O
MFP2
EBI address bus bit 0.
SD0_DAT3
I/O
MFP3
SD/SDIO0 data line bit 3.
SPI1_MISO
I/O
MFP5
SPI1 MISO (Master In, Slave Out) pin.
I2C0_SCL
I/O
MFP6
I
2C0 clock pin.
UART5_TXD
O
MFP7
UART5 data transmitter output pin.
USCI1_CTL0
I/O
MFP8
USCI1 control 0 pin.
SC0_CLK
O
MFP9
Smart Card 0 clock pin.
I2S0_BCLK
O
MFP10
I
2S0 bit clock output pin.
EPWM0_CH0
I/O
MFP11
EPWM0 channel 0 output/capture input.
TM0
I/O
MFP14
Timer0 event counter input/toggle output pin.
INT0
I
MFP15
External interrupt 0 input pin.
2
3
2
PB.4
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH4
A
MFP1
EADC0 channel 4 analog input.
ACMP1_P1
A
MFP1
Analog comparator 1 positive input 1 pin.
EBI_ADR1
O
MFP2
EBI address bus bit 1.
SD0_DAT2
I/O
MFP3
SD/SDIO0 data line bit 2.
SPI1_MOSI
I/O
MFP5
SPI1 MOSI (Master Out, Slave In) pin.
I2C0_SDA
I/O
MFP6
I
2C0 data input/output pin.
UART5_RXD
I
MFP7
UART5 data receiver input pin.
USCI1_CTL1
I/O
MFP8
USCI1 control 1 pin.
SC0_DAT
I/O
MFP9
Smart Card 0 data pin.
I2S0_MCLK
O
MFP10
I
2S0 master clock output pin.
EPWM0_CH1
I/O
MFP11
EPWM0 channel 1 output/capture input.
TM1
I/O
MFP14
Timer1 event counter input/toggle output pin.
INT1
I
MFP15
External interrupt 1 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com