Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 60 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 60 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 56Page - Nuvoton Technology Corporation M262 Datasheet HTML 57Page - Nuvoton Technology Corporation M262 Datasheet HTML 58Page - Nuvoton Technology Corporation M262 Datasheet HTML 59Page - Nuvoton Technology Corporation M262 Datasheet HTML 60Page - Nuvoton Technology Corporation M262 Datasheet HTML 61Page - Nuvoton Technology Corporation M262 Datasheet HTML 62Page - Nuvoton Technology Corporation M262 Datasheet HTML 63Page - Nuvoton Technology Corporation M262 Datasheet HTML 64Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 60 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
UART0_nCTS
I
MFP6
UART0 clear to Send input pin.
UART3_TXD
O
MFP7
UART3 data transmitter output pin.
I2C2_SMBAL
O
MFP8
I
2C2 SMBus SMBALTER pin
EPWM1_CH0
I/O
MFP11
EPWM1 channel 0 output/capture input.
TM0_EXT
I/O
MFP13
Timer0 external capture input/toggle output pin.
29
54 117 PB.14
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH14
A
MFP1
EADC0 channel 14 analog input.
EBI_AD13
I/O
MFP2
EBI address/data bus bit 13.
SC1_RST
O
MFP3
Smart Card 1 reset pin.
SPI0_CLK
I/O
MFP4
SPI0 serial clock pin.
USCI0_DAT1
I/O
MFP5
USCI0 data 1 pin.
UART0_nRTS
O
MFP6
UART0 request to Send output pin.
UART3_RXD
I
MFP7
UART3 data receiver input pin.
I2C2_SMBSUS
O
MFP8
I
2C2 SMBus SMBSUS pin (PMBus CONTROL pin)
EPWM1_CH1
I/O
MFP11
EPWM1 channel 1 output/capture input.
TM1_EXT
I/O
MFP13
Timer1 external capture input/toggle output pin.
CLKO
O
MFP14
Clock Out
30
55 118 PB.13
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH13
A
MFP1
EADC0 channel 13 analog input.
DAC1_OUT
A
MFP1
DAC1 channel analog output.
ACMP0_P3
A
MFP1
Analog comparator 0 positive input 3 pin.
ACMP1_P3
A
MFP1
Analog comparator 1 positive input 3 pin.
EBI_AD14
I/O
MFP2
EBI address/data bus bit 14.
SC1_DAT
I/O
MFP3
Smart Card 1 data pin.
SPI0_MISO
I/O
MFP4
SPI0 MISO (Master In, Slave Out) pin.
USCI0_DAT0
I/O
MFP5
USCI0 data 0 pin.
UART0_TXD
O
MFP6
UART0 data transmitter output pin.
UART3_nRTS
O
MFP7
UART3 request to Send output pin.
I2C2_SCL
I/O
MFP8
I
2C2 clock pin.
EPWM1_CH2
I/O
MFP11
EPWM1 channel 2 output/capture input.
TM2_EXT
I/O
MFP13
Timer2 external capture input/toggle output pin.
31
56 119 PB.12
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH12
A
MFP1
EADC0 channel 12 analog input.
DAC0_OUT
A
MFP1
DAC0 channel analog output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com