Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 45 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 45 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 41Page - Nuvoton Technology Corporation M262 Datasheet HTML 42Page - Nuvoton Technology Corporation M262 Datasheet HTML 43Page - Nuvoton Technology Corporation M262 Datasheet HTML 44Page - Nuvoton Technology Corporation M262 Datasheet HTML 45Page - Nuvoton Technology Corporation M262 Datasheet HTML 46Page - Nuvoton Technology Corporation M262 Datasheet HTML 47Page - Nuvoton Technology Corporation M262 Datasheet HTML 48Page - Nuvoton Technology Corporation M262 Datasheet HTML 49Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 45 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
10
17
38 PF.2
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS1
O
MFP2
EBI chip select 1 output pin.
UART0_RXD
I
MFP3
UART0 data receiver input pin.
I2C0_SDA
I/O
MFP4
I
2C0 data input/output pin.
QSPI0_CLK
I/O
MFP5
QSPI0 serial clock pin.
XT1_OUT
O
MFP10
External 4~24 MHz (high speed) crystal output pin.
BPWM1_CH1
I/O
MFP11
BPWM1 channel 1 output/capture input.
39 VSS
P
MFP0
Ground pin for digital circuit.
40 VDD
P
MFP0
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
41 PE.8
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR10
O
MFP2
EBI address bus bit 10.
I2S0_BCLK
O
MFP4
I
2S0 bit clock output pin.
SPI2_CLK
I/O
MFP5
SPI2 serial clock pin.
USCI1_CTL1
I/O
MFP6
USCI1 control 1 pin.
UART2_TXD
O
MFP7
UART2 data transmitter output pin.
EPWM0_CH0
I/O
MFP10
EPWM0 channel 0 output/capture input.
EPWM0_BRAKE0
I
MFP11
EPWM0 Brake 0 input pin.
ECAP0_IC0
I
MFP12
Enhanced capture unit 0 input 0 pin.
TRACE_DATA3
O
MFP14
ETM Trace Data 3 output pin
42 PE.9
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR11
O
MFP2
EBI address bus bit 11.
I2S0_MCLK
O
MFP4
I
2S0 master clock output pin.
SPI2_MISO
I/O
MFP5
SPI2 MISO (Master In, Slave Out) pin.
USCI1_CTL0
I/O
MFP6
USCI1 control 0 pin.
UART2_RXD
I
MFP7
UART2 data receiver input pin.
EPWM0_CH1
I/O
MFP10
EPWM0 channel 1 output/capture input.
EPWM0_BRAKE1
I
MFP11
EPWM0 Brake 1 input pin.
ECAP0_IC1
I
MFP12
Enhanced capture unit 0 input 1 pin.
TRACE_DATA2
O
MFP14
ETM Trace Data 2 output pin
43 PE.10
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR12
O
MFP2
EBI address bus bit 12.
I2S0_DI
I
MFP4
I
2S0 data input pin.
SPI2_MOSI
I/O
MFP5
SPI2 MOSI (Master Out, Slave In) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com