Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 14 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 14 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 10Page - Nuvoton Technology Corporation M262 Datasheet HTML 11Page - Nuvoton Technology Corporation M262 Datasheet HTML 12Page - Nuvoton Technology Corporation M262 Datasheet HTML 13Page - Nuvoton Technology Corporation M262 Datasheet HTML 14Page - Nuvoton Technology Corporation M262 Datasheet HTML 15Page - Nuvoton Technology Corporation M262 Datasheet HTML 16Page - Nuvoton Technology Corporation M262 Datasheet HTML 17Page - Nuvoton Technology Corporation M262 Datasheet HTML 18Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 14 of 398
Rev 1.02
 Fast Flash programming verification with CRC
 On-chip Flash programming with In-Chip Programming (ICP), In-
System Programming (ISP) and In-Application Programming (IAP)
capabilities
 Configurable boot up sources including boot loader, user-defined
loader (LDROM) or Application ROM (APROM)
 2-wired ICP Flash updating through SWD interface
 32-bit/64-bit and multi-word Flash programming function
SRAM
 Up to 96 KB on-chip SRAM includes:
 32 KB SRAM located in bank 0 that supports hardware parity check;
Exception (NMI) generated upon a parity check error
 64 KB SRAM located in bank 1
 Byte-, half-word- and word-access
 PDMA operation
Cyclic Redundancy Calculation
(CRC)
 Supports CRC-CCITT, CRC-8, CRC-16 and CRC-32 polynomials
 Programmable initial value and seed value
Programmable order reverse setting and one’s complement setting
for input data and CRC checksum
 8-bit, 16-bit, and 32-bit data width
 8-bit write mode with 1-AHB clock cycle operation
 16-bit write mode with 2-AHB clock cycle operation
 32-bit write mode with 4-AHB clock cycle operation
 Uses DMA to write data with performing CRC operation
Peripheral DMA (PDMA)
 Sixteen independent and configurable channels for automatic data
transfer between memories and peripherals
 Support time-out function when transfer time-out
 Basic and Scatter-Gather transfer modes
 Each channel supports circular buffer management using Scatter-
Gather Transfer mode
 Stride function for rectangle image data movement
 Fixed-priority and Round-robin priorities modes
 Single and burst transfer types
 Byte-, half-word- and word tranfer unit with count up to 65536
 Incremental or fixed source and destination address
Clocks
External Clock Source
 4~24 MHz High-speed external crystal oscillator (HXT) for precise
timing operation
 32.768 kHz Low-speed external crystal oscillator (LXT) for RTC
function and low-power system operation
 Supports clock failure detection for external crystal oscillators and
exception generation (NMI)
Internal Clock Source
 12 MHz High-speed Internal RC oscillator (HIRC) trimmed to 0.25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com