Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 92 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 92 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 88Page - Nuvoton Technology Corporation M262 Datasheet HTML 89Page - Nuvoton Technology Corporation M262 Datasheet HTML 90Page - Nuvoton Technology Corporation M262 Datasheet HTML 91Page - Nuvoton Technology Corporation M262 Datasheet HTML 92Page - Nuvoton Technology Corporation M262 Datasheet HTML 93Page - Nuvoton Technology Corporation M262 Datasheet HTML 94Page - Nuvoton Technology Corporation M262 Datasheet HTML 95Page - Nuvoton Technology Corporation M262 Datasheet HTML 96Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 92 of 398
Rev 1.02
Pin Name
Type
MFP
Description
EBI_ADR8
O
MFP2
EBI address bus bit 8.
SD0_CLK
O
MFP3
SD/SDIO0 clock output pin
SPI1_I2SMCLK
I/O
MFP5
SPI1 I
2S master clock output pin
SPI3_I2SMCLK
I/O
MFP6
SPI3 I
2S master clock output pin
UART2_TXD
O
MFP7
UART2 data transmitter output pin.
USCI1_CLK
I/O
MFP8
USCI1 clock pin.
I2C1_SCL
I/O
MFP9
I
2C1 clock pin.
I2S0_LRCK
O
MFP10
I
2S0 left right channel clock output pin.
EPWM0_CH4
I/O
MFP11
EPWM0 channel 4 output/capture input.
EPWM1_CH4
I/O
MFP12
EPWM1 channel 4 output/capture input.
EPWM0_BRAKE0
I
MFP13
EPWM0 Brake 0 input pin.
PB.2
PB.2
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH2
A
MFP1
EADC0 channel 2 analog input.
ACMP0_P1
A
MFP1
Analog comparator 0 positive input 1 pin.
EBI_ADR3
O
MFP2
EBI address bus bit 3.
SD0_DAT0
I/O
MFP3
SD/SDIO0 data line bit 0.
SPI1_SS
I/O
MFP5
SPI1 slave select pin.
UART1_RXD
I
MFP6
UART1 data receiver input pin.
UART5_nCTS
I
MFP7
UART5 clear to Send input pin.
USCI1_DAT0
I/O
MFP8
USCI1 data 0 pin.
SC0_PWR
O
MFP9
Smart Card 0 power pin.
I2S0_DO
O
MFP10
I
2S0 data output pin.
EPWM0_CH3
I/O
MFP11
EPWM0 channel 3 output/capture input.
TM3
I/O
MFP14
Timer3 event counter input/toggle output pin.
INT3
I
MFP15
External interrupt 3 input pin.
PB.3
PB.3
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH3
A
MFP1
EADC0 channel 3 analog input.
ACMP0_N
A
MFP1
Analog comparator 0 negative input pin.
EBI_ADR2
O
MFP2
EBI address bus bit 2.
SD0_DAT1
I/O
MFP3
SD/SDIO0 data line bit 1.
SPI1_CLK
I/O
MFP5
SPI1 serial clock pin.
UART1_TXD
O
MFP6
UART1 data transmitter output pin.
UART5_nRTS
O
MFP7
UART5 request to Send output pin.
USCI1_DAT1
I/O
MFP8
USCI1 data 1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com