Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 15 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 15 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 11Page - Nuvoton Technology Corporation M262 Datasheet HTML 12Page - Nuvoton Technology Corporation M262 Datasheet HTML 13Page - Nuvoton Technology Corporation M262 Datasheet HTML 14Page - Nuvoton Technology Corporation M262 Datasheet HTML 15Page - Nuvoton Technology Corporation M262 Datasheet HTML 16Page - Nuvoton Technology Corporation M262 Datasheet HTML 17Page - Nuvoton Technology Corporation M262 Datasheet HTML 18Page - Nuvoton Technology Corporation M262 Datasheet HTML 19Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 15 of 398
Rev 1.02
accuracy that can optionally be used as a system clock
 48 MHz High-speed Internal RC oscillator (HIRC48) trimmed to
0.25% accuracy that can optionally be used as a system clock
 10 kHz Low-speed Internal RC oscillator (LIRC) for watchdog timer
and wakeup operation
 32kHz Low-speed Internal RC oscillator (LIRC32) for RTC function
 Up to 144 MHz on-chip PLL, sourced from HIRC or HXT, allows
CPU operation up to the maximum CPU frequency without the need
for a high-frequency crystal
Real-Time Clock (RTC)
 Real-Time Clock with a separate power domain
 The RTC clock source includes Low-speed external crystal
oscillator (extLXT) and 32kHz Low-speed Internal RC oscillator
(LIRC32) and 10kHz Low-speed Internal RC oscillator (LIRC)
 The RTC block includes 80 bytes of battery-powered backup
registers, which can be cleared by tamper pins
 Supports 6 static and dynamic tamper pins
 Able to wake up CPU from any reduced power mode
 Supports Alarm registers (second, minute, hour, day, month, year)
 Supports RTC Time Tick and Alarm Match interrupt
 Automatic leap year recognition
 Supports 1 Hz clock output for calibration
 Frequency of RTC clock source compensate by RTC_FRWQADJ
register
Timers
32-bit Timer
TIMER
 Four sets of 32-bit timers with 24-bit up counter and one 8-bit pre-
scale counter from independent clock source
 One-shot, Periodic, Toggle and Continuous Counting operation
modes
 Supports event counting function to count the event from external
pins
 Supports external capture pin for interval measurement and
resetting 24-bit up counter
 Supports chip wake-up function, if a timer interrupt signal is
generated
PWM
 Eight 16-bit PWM counters with 12-bit clock prescale with up to 64
MHz
 Supports 12-bit deadband (dead time)
 Up, down or up-down PWM counter type
 Supports brake function
 Supports mask function and tri-state output for each PWM channel
Enhanced PWM (EPWM)
 Twelve 16-bit counters with 12-bit clock prescale for twelve 64 MHz
PWM output channels
 Up to 12 independent input capture channels with 16-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com