Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 18 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 18 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 14Page - Nuvoton Technology Corporation M262 Datasheet HTML 15Page - Nuvoton Technology Corporation M262 Datasheet HTML 16Page - Nuvoton Technology Corporation M262 Datasheet HTML 17Page - Nuvoton Technology Corporation M262 Datasheet HTML 18Page - Nuvoton Technology Corporation M262 Datasheet HTML 19Page - Nuvoton Technology Corporation M262 Datasheet HTML 20Page - Nuvoton Technology Corporation M262 Datasheet HTML 21Page - Nuvoton Technology Corporation M262 Datasheet HTML 22Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 18 of 398
Rev 1.02
 PDMA operation
Smart Card Interface
 Three sets of ISO-7816-3 which are compliant with ISO-7816-3 T=0,
T=1
 Supports full duplex UART function
 4-byte FIFOs with programmable level trigger
 Programmable guard time selection (11 ETU ~ 266 ETU)
 One 24-bit and two 8 bit time-out counters for Answer to Request
(ATR) and waiting times processing
 Auto inverse convention function
 Stop clock level and clock stop (clock keep) function
 Transmitter and receiver error retry function
 Supports hardware activation, deactivation and warm reset
sequence process
 Supports hardware auto deactivation sequence after card removal
I
2C
 Three sets of I
2C devices with Master/Slave mode
 Supports Standard mode (100 kbps), Fast mode (400 kbps) and
Fast mode plus (1 Mbps)
 Supports 10 bits mode
 Programmable clocks allowing for versatile rate control
 Supports multiple address recognition (four slave address with
mask option)
 Supports SMBus and PMBus
 Supports multi-address power-down wake-up function
 PDMA operation
SPI/I
2S
 Up to four sets of SPI/I
2S controllers with Master/Slave mode
 SPI can communicate at up to 64 Mbit/s
 SPI/I
2S provides separate 4-level of 32-bit (or 8-level of 16-bit)
transmit and receive FIFO buffers
SPI
 Configurable bit length of a transfer word from 8 to 32-bit
 MSB first or LSB first transfer sequence
 Byte reorder function
 Supports Byte or Word Suspend mode
 Supports one data channel half-duplex transfer
 Supports receive-only mode
 PDMA operation
I
2S
 Supports mono and stereo audio data with 8-, 16-, 24- and 32-bit
audio data sizes
 Supports PCM mode A, PCM mode B, I
2S and MSB justified data
format
 PDMA operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com