Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 64 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 64 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 60Page - Nuvoton Technology Corporation M262 Datasheet HTML 61Page - Nuvoton Technology Corporation M262 Datasheet HTML 62Page - Nuvoton Technology Corporation M262 Datasheet HTML 63Page - Nuvoton Technology Corporation M262 Datasheet HTML 64Page - Nuvoton Technology Corporation M262 Datasheet HTML 65Page - Nuvoton Technology Corporation M262 Datasheet HTML 66Page - Nuvoton Technology Corporation M262 Datasheet HTML 67Page - Nuvoton Technology Corporation M262 Datasheet HTML 68Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 64 of 398
Rev 1.02
4.2.2
M261 Series Multi-function Summary Table
Group
Pin Name
GPIO
MFP
Type
Description
ACMP0
ACMP0_N
PB.3
MFP1
A
Analog comparator 0 negative input pin.
ACMP0_O
PC.12
MFP14
O
Analog comparator 0 output pin.
PC.1
MFP14
O
PB.7
MFP15
O
ACMP0_P0
PA.11
MFP1
A
Analog comparator 0 positive input 0 pin.
ACMP0_P1
PB.2
MFP1
A
Analog comparator 0 positive input 1 pin.
ACMP0_P2
PB.12
MFP1
A
Analog comparator 0 positive input 2 pin.
ACMP0_P3
PB.13
MFP1
A
Analog comparator 0 positive input 3 pin.
ACMP0_WLAT
PA.7
MFP13
I
Analog comparator 0 window latch input pin
ACMP1
ACMP1_N
PB.5
MFP1
A
Analog comparator 1 negative input pin.
ACMP1_O
PB.6
MFP15
O
Analog comparator 1 output pin.
PC.11
MFP14
O
PC.0
MFP14
O
ACMP1_P0
PA.10
MFP1
A
Analog comparator 1 positive input 0 pin.
ACMP1_P1
PB.4
MFP1
A
Analog comparator 1 positive input 1 pin.
ACMP1_P2
PB.12
MFP1
A
Analog comparator 1 positive input 2 pin.
ACMP1_P3
PB.13
MFP1
A
Analog comparator 1 positive input 3 pin.
ACMP1_WLAT
PA.6
MFP13
I
Analog comparator 1 window latch input pin
BPWM0
BPWM0_CH0
PA.11
MFP9
I/O
BPWM0 channel 0 output/capture input.
PA.0
MFP12
I/O
PG.14
MFP12
I/O
PE.2
MFP13
I/O
BPWM0_CH1
PA.10
MFP9
I/O
BPWM0 channel 1 output/capture input.
PA.1
MFP12
I/O
PG.13
MFP12
I/O
PE.3
MFP13
I/O
BPWM0_CH2
PA.9
MFP9
I/O
BPWM0 channel 2 output/capture input.
PA.2
MFP12
I/O
PG.12
MFP12
I/O
PE.4
MFP13
I/O
BPWM0_CH3
PA.8
MFP9
I/O
BPWM0 channel 3 output/capture input.
PA.3
MFP12
I/O
PG.11
MFP12
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com