Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 90 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 90 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 86Page - Nuvoton Technology Corporation M262 Datasheet HTML 87Page - Nuvoton Technology Corporation M262 Datasheet HTML 88Page - Nuvoton Technology Corporation M262 Datasheet HTML 89Page - Nuvoton Technology Corporation M262 Datasheet HTML 90Page - Nuvoton Technology Corporation M262 Datasheet HTML 91Page - Nuvoton Technology Corporation M262 Datasheet HTML 92Page - Nuvoton Technology Corporation M262 Datasheet HTML 93Page - Nuvoton Technology Corporation M262 Datasheet HTML 94Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 90 of 398
Rev 1.02
Pin Name
Type
MFP
Description
TM2_EXT
I/O
MFP13
Timer2 external capture input/toggle output pin.
PA.10
PA.10
I/O
MFP0
General purpose digital I/O pin.
ACMP1_P0
A
MFP1
Analog comparator 1 positive input 0 pin.
EBI_nWR
O
MFP2
EBI write enable output pin.
SC2_RST
O
MFP3
Smart Card 2 reset pin.
SPI2_CLK
I/O
MFP4
SPI2 serial clock pin.
USCI0_DAT0
I/O
MFP6
USCI0 data 0 pin.
I2C2_SDA
I/O
MFP7
I
2C2 data input/output pin.
BPWM0_CH1
I/O
MFP9
BPWM0 channel 1 output/capture input.
QEI1_INDEX
I
MFP10
Quadrature encoder 1 index input
ECAP0_IC0
I
MFP11
Enhanced capture unit 0 input 0 pin.
TM1_EXT
I/O
MFP13
Timer1 external capture input/toggle output pin.
DAC0_ST
I
MFP14
DAC0 external trigger input.
PA.11
PA.11
I/O
MFP0
General purpose digital I/O pin.
ACMP0_P0
A
MFP1
Analog comparator 0 positive input 0 pin.
EBI_nRD
O
MFP2
EBI read enable output pin.
SC2_PWR
O
MFP3
Smart Card 2 power pin.
SPI2_SS
I/O
MFP4
SPI2 slave select pin.
USCI0_CLK
I/O
MFP6
USCI0 clock pin.
I2C2_SCL
I/O
MFP7
I
2C2 clock pin.
BPWM0_CH0
I/O
MFP9
BPWM0 channel 0 output/capture input.
EPWM0_SYNC_OUT
O
MFP10
EPWM0 counter synchronous trigger output pin.
TM0_EXT
I/O
MFP13
Timer0 external capture input/toggle output pin.
DAC1_ST
I
MFP14
DAC1 external trigger input.
PA.12
PA.12
I/O
MFP0
General purpose digital I/O pin.
I2S0_BCLK
O
MFP2
I
2S0 bit clock output pin.
UART4_TXD
O
MFP3
UART4 data transmitter output pin.
I2C1_SCL
I/O
MFP4
I
2C1 clock pin.
SPI2_SS
I/O
MFP5
SPI2 slave select pin.
SC2_PWR
O
MFP7
Smart Card 2 power pin.
BPWM1_CH2
I/O
MFP11
BPWM1 channel 2 output/capture input.
QEI1_INDEX
I
MFP12
Quadrature encoder 1 index input
PA.13
PA.13
I/O
MFP0
General purpose digital I/O pin.
I2S0_MCLK
O
MFP2
I
2S0 master clock output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com