Electronic Components Datasheet Search
  English  ▼

X  

M262 Datasheet(PDF) 43 Page - Nuvoton Technology Corporation

Part # M262
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M262 Datasheet(HTML) 43 Page - Nuvoton Technology Corporation

Back Button M262 Datasheet HTML 39Page - Nuvoton Technology Corporation M262 Datasheet HTML 40Page - Nuvoton Technology Corporation M262 Datasheet HTML 41Page - Nuvoton Technology Corporation M262 Datasheet HTML 42Page - Nuvoton Technology Corporation M262 Datasheet HTML 43Page - Nuvoton Technology Corporation M262 Datasheet HTML 44Page - Nuvoton Technology Corporation M262 Datasheet HTML 45Page - Nuvoton Technology Corporation M262 Datasheet HTML 46Page - Nuvoton Technology Corporation M262 Datasheet HTML 47Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 43 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
EBI_ADR14
O
MFP2
EBI address bus bit 14.
SPI2_MOSI
I/O
MFP3
SPI2 MOSI (Master Out, Slave In) pin.
TAMPER5
I/O
MFP10
TAMPER detector loop pin 5.
TM3
I/O
MFP13
Timer3 event counter input/toggle output pin.
25 PF.10
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR15
O
MFP2
EBI address bus bit 15.
SC0_nCD
I
MFP3
Smart Card 0 card detect pin.
I2S0_BCLK
O
MFP4
I
2S0 bit clock output pin.
SPI0_I2SMCLK
I/O
MFP5
SPI0 I
2S master clock output pin
TAMPER4
I/O
MFP10
TAMPER detector loop pin 4.
26 PF.9
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR16
O
MFP2
EBI address bus bit 16.
SC0_PWR
O
MFP3
Smart Card 0 power pin.
I2S0_MCLK
O
MFP4
I
2S0 master clock output pin.
SPI0_SS
I/O
MFP5
SPI0 slave select pin.
TAMPER3
I/O
MFP10
TAMPER detector loop pin 3.
27 PF.8
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR17
O
MFP2
EBI address bus bit 17.
SC0_RST
O
MFP3
Smart Card 0 reset pin.
I2S0_DI
I
MFP4
I
2S0 data input pin.
SPI0_CLK
I/O
MFP5
SPI0 serial clock pin.
TAMPER2
I/O
MFP10
TAMPER detector loop pin 2.
28 PF.7
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR18
O
MFP2
EBI address bus bit 18.
SC0_DAT
I/O
MFP3
Smart Card 0 data pin.
I2S0_DO
O
MFP4
I
2S0 data output pin.
SPI0_MISO
I/O
MFP5
SPI0 MISO (Master In, Slave Out) pin.
UART4_TXD
O
MFP6
UART4 data transmitter output pin.
TAMPER1
I/O
MFP10
TAMPER detector loop pin 1.
12
29 PF.6
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR19
O
MFP2
EBI address bus bit 19.
SC0_CLK
O
MFP3
Smart Card 0 clock pin.
I2S0_LRCK
O
MFP4
I
2S0 left right channel clock output pin.
SPI0_MOSI
I/O
MFP5
SPI0 MOSI (Master Out, Slave In) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com