Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 355 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 355 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 351Page - Nuvoton Technology Corporation M263 Datasheet HTML 352Page - Nuvoton Technology Corporation M263 Datasheet HTML 353Page - Nuvoton Technology Corporation M263 Datasheet HTML 354Page - Nuvoton Technology Corporation M263 Datasheet HTML 355Page - Nuvoton Technology Corporation M263 Datasheet HTML 356Page - Nuvoton Technology Corporation M263 Datasheet HTML 357Page - Nuvoton Technology Corporation M263 Datasheet HTML 358Page - Nuvoton Technology Corporation M263 Datasheet HTML 359Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 355 of 398
Rev 1.02
105 °C
76.7
Power-down mode, VDD = 3.3V, WDT/Timer use
LIRC, RTC/UART use LXT, SRAM retention
V
V
-
-40 °C
5.5
25 °C
13.0
55 °C
45.2
85 °C
134.0
105 °C
252.6
Power-down mode, VDD = 3.3V, WDT/Timer use
LIRC, RTC/UART use LXT, no SRAM retention
-40 °C
4.4
25 °C
7.7
55 °C
15.3
85 °C
38.8
105 °C
78.3
IDD_SPD
Standby Power-down mode(SPD), VDD = 3.3V, all
peripherals disabled
-
-
-
-40 °C
2.1
uA
25 °C
2.8
55 °C
3.9
85 °C
8.1
105 °C
15.5
Standby Power-down mode (SPD), VDD = 3.3V,
RTC enabled
V
-
-
-40 °C
3.0
25 °C
3.9
55 °C
5.0
85 °C
9.5
105 °C
17.2
Standby Power-down mode (SPD), VDD = 3.3V,
RTC enabled
-
V
-
-40 °C
2.1
25 °C
2.8
55 °C
3.9
85 °C
8.3
105 °C
15.6
IDD_DPD
Deep Power-down mode (DPD), VDD = 3.3V, all
peripherals disabled
-
-
-
-40 °C
1.0
uA
25 °C
1.5
55 °C
1.9
85 °C
4.2
105 °C
8.2
Deep Power-down mode(DPD), RTC enable
[*1]
V
-
-
-40 °C
1.9
25 °C
2.4
55 °C
3.3
85 °C
5.6
105 °C
9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com