Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 352 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 352 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 348Page - Nuvoton Technology Corporation M263 Datasheet HTML 349Page - Nuvoton Technology Corporation M263 Datasheet HTML 350Page - Nuvoton Technology Corporation M263 Datasheet HTML 351Page - Nuvoton Technology Corporation M263 Datasheet HTML 352Page - Nuvoton Technology Corporation M263 Datasheet HTML 353Page - Nuvoton Technology Corporation M263 Datasheet HTML 354Page - Nuvoton Technology Corporation M263 Datasheet HTML 355Page - Nuvoton Technology Corporation M263 Datasheet HTML 356Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 352 of 398
Rev 1.02
disabled, SRAM retention
25 °C
40.3
55 °C
115.9
85 °C
282.9
105 °C
737.5
Power-down mode, VDD = 3.3V, all peripherals
disabled, no SRAM retention
-40 °C
12.5
25 °C
20.2
55 °C
35.7
85 °C
79.0
105 °C
140.1
Power-down mode, VDD = 3.3V,
RTC/WDT/Timer/UART enabled, SRAM retention
V
-
-
-40 °C
19.2
25 °C
41.5
55 °C
117.1
85 °C
289.9
105 °C
498.8
Power-down mode, VDD = 3.3V,
RTC/WDT/Timer/UART enabled, no SRAM
retention
-40 °C
13.5
25 °C
21.6
55 °C
37.1
85 °C
80.3
105 °C
141.8
Power-down mode, VDD = 3.3V, RTC/WDT/Timer
use LIRC, SRAM retention
-
V
-
-40 °C
18.6
25 °C
40.7
55 °C
116.3
85 °C
292.9
105 °C
500.0
Power-down mode, VDD = 3.3V, RTC/WDT/Timer
use LIRC, no SRAM retention
-40 °C
12.9
25 °C
20.4
55 °C
36.0
85 °C
78.7
105 °C
140.5
Power-down mode, VDD = 3.3V, WDT/Timer use
LIRC, RTC/UART use LXT, SRAM retention
V
V
-
-40 °C
19.3
25 °C
41.7
55 °C
117.6
85 °C
288.6
105 °C
503.2
Power-down mode, VDD = 3.3V, WDT/Timer use
LIRC, RTC/UART use LXT, no SRAM retention
-40 °C
13.9
25 °C
21.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com