Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 349 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 349 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 345Page - Nuvoton Technology Corporation M263 Datasheet HTML 346Page - Nuvoton Technology Corporation M263 Datasheet HTML 347Page - Nuvoton Technology Corporation M263 Datasheet HTML 348Page - Nuvoton Technology Corporation M263 Datasheet HTML 349Page - Nuvoton Technology Corporation M263 Datasheet HTML 350Page - Nuvoton Technology Corporation M263 Datasheet HTML 351Page - Nuvoton Technology Corporation M263 Datasheet HTML 352Page - Nuvoton Technology Corporation M263 Datasheet HTML 353Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 349 of 398
Rev 1.02
Idle mode, executed from
Flash, VDD = 3.3V, Vsw without
Inductance, all peripherals
enabled
64 MHz
[*2]
12MHz
-
V
10.9
11.9
48 MHz
[*3]
12MHz
-
V
8.2
9.0
12MHz
[*4]
12MHz
-
-
3.0
3.7
6 MHz
[*5]
12MHz
-
-
2.3
3.0
4 MHz
[*6]
12MHz
-
-
2.0
2.8
2 MHz
[*7]
12MHz
-
-
1.8
2.5
64 MHz
[*2]
12MHz
V
10.0
10.7
48 MHz
[*3]
-
12MHz
V
7.4
8.0
48 MHz
[*3]
-
48MHz
6.9
7.5
12MHz
[*4]
-
12MHz
-
2.2
2.8
6 MHz
[*5]
-
12MHz
-
1.5
2.1
4 MHz
[*6]
-
12MHz
-
1.2
1.9
2 MHz
[*7]
-
12MHz
-
1.0
1.6
32.768 KHz
32.768 kHz
-
-
0.7
1.3
10KHz
-
10KHz
-
0.8
1.4
Note:
1.
Guaranteed by characterization results, not tested in production.
2.
In this case HCLK = system clock, system clock = 64MHz, LDO = 1.26V
3.
In this case HCLK = system clock, system clock = 48MHz, LDO = 1.2V
4.
In this case HCLK = system clock, system clock = 12MHz, LDO = 1.2V
5.
In this case HCLK = system clock/2, system clock = 12MHz, LDO = 1.2V
6.
In this case HCLK = system clock/3, system clock = 12MHz, LDO = 1.2V
7.
In this case HCLK = system clock/6, system clock = 12MHz, LDO = 1.2V
8.
When analog peripheral blocks such as ADC and ACMP are ON, an additional power consumption should be
considered.
Table 8.3-3 Current consumption in LDO Idle mode
8.3.1.4
DC-DC Idle Mode
Symbol
Conditions
fHCLK
HXT/LXT HIRC/LIRC PLL
TA
unit
25 °C
105 °C
[*1]
IDD
Idle mode, executed from
Flash, VDD = 3.3V, Vsw with
Inductance, all peripherals
disabled
64 MHz
[*2]
12MHz
-
V
1.6
2.1
mA
48 MHz
[*3]
12MHz
-
V
1.4
1.8
12MHz
[*4]
12MHz
-
-
0.9
1.2
6 MHz
[*5]
12MHz
-
-
0.8
1.2
4 MHz
[*6]
12MHz
-
-
0.8
1.2
2 MHz
[*7]
12MHz
-
-
0.8
1.1
64 MHz
[*2]
12MHz
V
1.1
1.5
48 MHz
[*3]
-
12MHz
V
0.9
1.2
48 MHz
[*3]
-
48MHz
0.7
1.0
12MHz
[*4]
-
12MHz
-
0.4
0.7
6 MHz
[*5]
-
12MHz
-
0.3
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com