Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 346 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 346 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 342Page - Nuvoton Technology Corporation M263 Datasheet HTML 343Page - Nuvoton Technology Corporation M263 Datasheet HTML 344Page - Nuvoton Technology Corporation M263 Datasheet HTML 345Page - Nuvoton Technology Corporation M263 Datasheet HTML 346Page - Nuvoton Technology Corporation M263 Datasheet HTML 347Page - Nuvoton Technology Corporation M263 Datasheet HTML 348Page - Nuvoton Technology Corporation M263 Datasheet HTML 349Page - Nuvoton Technology Corporation M263 Datasheet HTML 350Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 346 of 398
Rev 1.02
8.3
DC Electrical Characteristics
8.3.1
Typical Current Consumption
The current consumption is a combination of internal and external parameters and factors such as
operating frequencies, device software configuration, I/O pin loading, I/O pin switching rate, program
location in memory and so on. The current consumption is measured as described in below condition
and table to inform test characterization result.
ALL GPIO pins are in push pull mode, output high.
LDO = 1.26V
The maximum values are obtained for VDD = 3.6 V and maximum ambient temperature
(TA), and the typical values for TA= 25 °C and VDD = 3.3 V unless otherwise specified.
VDD = VBAT = AVDD = VDDIO
When the peripherals are enabled HCLK is the system clock, fPCLK0, 1 = fHCLK/2.
Program run while(1){} from Flash.
8.3.1.1
LDO Normal Mode
Symbol
Conditions
fHCLK
HXT/LXT
HIRC /
HIRC48 /
LIRC
PLL
TA
unit
25 °C
105 °C
[*1]
IDD
Normal Run, executed from
Flash, VDD = 3.3V, Vsw without
Inductance, all peripherals
disable
64 MHz
[*2]
12MHz
-
V
6.2
7.1
mA
48 MHz
[*3]
12MHz
-
V
5.2
6.0
12MHz
[*4]
12MHz
-
-
1.7
2.4
6 MHz
[*5]
12MHz
-
-
1.4
2.2
4 MHz
[*6]
12MHz
-
-
1.2
1.9
2 MHz
[*7]
12MHz
-
-
1.1
1.8
64 MHz
[*2]
12MHz
V
6.9
7.6
48 MHz
[*3]
-
12MHz
V
4.2
4.9
48 MHz
[*3]
-
48MHz
3.8
4.5
12MHz
[*4]
-
12MHz
-
1.3
1.9
6 MHz
[*5]
-
12MHz
-
0.8
1.4
4 MHz
[*6]
-
12MHz
-
0.7
1.4
2 MHz
[*7]
-
12MHz
-
0.5
1.2
32.768 KHz
32.768 kHz
-
-
0.1
0.8
10KHz
-
10KHz
-
0.1
0.8
Normal run, executed from
Flash, VDD = 3.3V, Vsw without
Inductance, all peripherals
enabled
64 MHz
[*2]
12MHz
-
V
14.1
15.1
48 MHz
[*3]
12MHz
-
V
11.0
11.8
12MHz
[*4]
12MHz
-
-
3.7
4.4
6 MHz
[*5]
12MHz
-
-
2.8
3.5
4 MHz
[*6]
12MHz
-
-
2.3
3.1
2 MHz
[*7]
12MHz
-
-
2.0
2.8
64 MHz
[*2]
-
12MHz
V
13.7
14.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com