Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 344 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 344 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 340Page - Nuvoton Technology Corporation M263 Datasheet HTML 341Page - Nuvoton Technology Corporation M263 Datasheet HTML 342Page - Nuvoton Technology Corporation M263 Datasheet HTML 343Page - Nuvoton Technology Corporation M263 Datasheet HTML 344Page - Nuvoton Technology Corporation M263 Datasheet HTML 345Page - Nuvoton Technology Corporation M263 Datasheet HTML 346Page - Nuvoton Technology Corporation M263 Datasheet HTML 347Page - Nuvoton Technology Corporation M263 Datasheet HTML 348Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 344 of 398
Rev 1.02
Symbol
Ratings
Conditions
Max
Unit
VEFTB
[*3] [*4]
Fast transient voltage burst limits to be applied through
100 pF on VDD and VSS pins to induce a functional
disturbance
VDD = 3.3 V, LQFP128, TA =
+25 °C, fHCLK = 64 MHz,
4.4
kV
VESD(HBM)
[*5] Electrostatic discharge voltage (human body model)
TA = +25 °C
2
VESD(CDM)
[*6] Electrostatic discharge voltage (charge device model)
TA = +25 °C
0.5
LU
[*7]
Static latch-up class
T
A  +25 °C
400
mA
Note:
1.
Guaranteed by characterization results, not tested in production.
2.
On VBAT pin, VESD(HBM) is limited to 1000V.
3.
Determinded according to IEC 61000-4-4 Electrical fast transient/burst immunity test.
4.
The performace cretia class is 4A.
5.
Determined according to JEDEC EIA/JESD78 standard.
6.
Determined according to ANSI/ESDA/JEDEC JS-001 Standard, Electrostatic Discharge Sensitivity Testing
– Human
Body Model (HBM)
– Component Level
7.
Determined according to ANSI/ESDA/JEDEC JS-002 standard for Electrostatic Discharge Sensitivity (ESD) Testing
–
Charged Device Model (CDM)
– Component Level.
Table 8.1-4 EMC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com