Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 341 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 341 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 337Page - Nuvoton Technology Corporation M263 Datasheet HTML 338Page - Nuvoton Technology Corporation M263 Datasheet HTML 339Page - Nuvoton Technology Corporation M263 Datasheet HTML 340Page - Nuvoton Technology Corporation M263 Datasheet HTML 341Page - Nuvoton Technology Corporation M263 Datasheet HTML 342Page - Nuvoton Technology Corporation M263 Datasheet HTML 343Page - Nuvoton Technology Corporation M263 Datasheet HTML 344Page - Nuvoton Technology Corporation M263 Datasheet HTML 345Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 341 of 398
Rev 1.02
7.3
Peripheral Application Scheme
Crystal
M261/M262/M263 Series
LDO
RS 232 Transceiver
ROUT
TIN
RIN
TOUT
PC COM Port
UART
UART_RXD
UART_TXD
CAN Transceiver
R
CAN_H
ODB Port
CAN
CAN_TX
CAN_RX
D
DVCC
Smart Card Slot
SC_PWR
SC_RST
SC_DAT
SC_nCD
DVCC
10uF/10V
nRESET
4~24 MHz
crystal
XT1_OUT
XT1_IN
VDD
VSS
I
2C Device
CLK
DIO
I2C_SDA
I2C_SCL
DVCC
DVCC
VDD
VSS
nRESET
ICE_CLK
ICE_DAT
SWD
Interface
X32_OUT
X32_IN
LDO_CAP
2.2uF
Reset
Circuit
VDD
VSS
SPI Device
CS
CLK
MISO
SPI_SS
MOSI
SPI_CLK
SPI_MISO
SPI_MOSI
DVCC
USB Full Speed
OTG Slot
USB_D-
USB_D+
USB_OTG_ID
USB_VBUS
SC_CLK
20pF
20pF
20pF
20pF
10K
32.768 kHz
crystal
4.7K
4.7K
CAN_L
5V
Power Switch
(OTG Host)
33R
33R
Addr[15:0]
nCE
nOE
Data[15:0]
nWE
64K x 16-bit
SRAM
LATCH
En
D
Q
nLB
nUB
ALE
nCS
nRD
nWR
nWRL
nWRH
AD[15:0]
EBI
Audio codec
NUC8822
I
2S
Line In
Line Out
DVCC
100K
100K
Note 1: USB_OTG_ID could be floating using USB without OTG.
Note 2:
It is recommended to use 100 kΩ pull-up resistor on both ICE_DAT and ICE_CLK pin.
Note 3:
It is recommended to use 10 kΩ pull-up resistor and 10 uF capacitor on nRESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com