Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 337 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 337 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 333Page - Nuvoton Technology Corporation M263 Datasheet HTML 334Page - Nuvoton Technology Corporation M263 Datasheet HTML 335Page - Nuvoton Technology Corporation M263 Datasheet HTML 336Page - Nuvoton Technology Corporation M263 Datasheet HTML 337Page - Nuvoton Technology Corporation M263 Datasheet HTML 338Page - Nuvoton Technology Corporation M263 Datasheet HTML 339Page - Nuvoton Technology Corporation M263 Datasheet HTML 340Page - Nuvoton Technology Corporation M263 Datasheet HTML 341Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 337 of 398
Rev 1.02
6.35
Digital to Analog Converter (DAC)
6.35.1
Overview
The DAC module is a 12-bit, voltage output digital-to-analog converter. It can be configured to 12- or
8-bit output mode and can be used in conjunction with the PDMA controller. The DAC integrates a
voltage output buffer that can be used to reduce output impendence and drive external loads directly
without having to add an external operational amplifier.
6.35.2
Features
Analog output voltage range: 0~AVDD.
Supports 12- or 8-bit output mode.
Rail to rail settle time 8us.
Supports up to two 12-bit 1 MSPS voltage type DAC.
Reference voltage from internal reference voltage (INT_VREF), VREF pin.
DAC maximum conversion updating rate 1 MSPS.
Supports voltage output buffer mode and bypass voltage output buffer mode.
Supports software and hardware trigger, including Timer0~3, EPWM0, EPWM1, and
external trigger pin to start DAC conversion.
Supports PDMA mode.
Supports group mode of synchronized update capability for two DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com