Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 339 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 339 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 335Page - Nuvoton Technology Corporation M263 Datasheet HTML 336Page - Nuvoton Technology Corporation M263 Datasheet HTML 337Page - Nuvoton Technology Corporation M263 Datasheet HTML 338Page - Nuvoton Technology Corporation M263 Datasheet HTML 339Page - Nuvoton Technology Corporation M263 Datasheet HTML 340Page - Nuvoton Technology Corporation M263 Datasheet HTML 341Page - Nuvoton Technology Corporation M263 Datasheet HTML 342Page - Nuvoton Technology Corporation M263 Datasheet HTML 343Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 339 of 398
Rev 1.02
7
APPLICATION CIRCUIT
7.1
Power Supply Scheme with External VREF
VDD
VSS
0.1uF*N
AVDD
AVSS
VDDIO
0.1uF
VSS
10uF+0.1uF
1uF+0.1uF+0.01uF
EXT_PWR
EXT_VSS
as close to VDD as possible
as close to the EXT_PWR as possible
as close to AVDD as possible
as close to VDDIO as possible
LDO_CAP
VSS
as close to LDO_CAP as possible
VBAT
0.1uF
VSS
as close to VBAT as possible
VREF
L=30Z
as close to VREF as possible
2.2uF+1uF+470pF
2.2uF
4.7uH
10uF
VSW
VDD
L=30Z
L=30Z
EXT_PWR
EXT_VSS
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com