Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 343 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 343 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 339Page - Nuvoton Technology Corporation M263 Datasheet HTML 340Page - Nuvoton Technology Corporation M263 Datasheet HTML 341Page - Nuvoton Technology Corporation M263 Datasheet HTML 342Page - Nuvoton Technology Corporation M263 Datasheet HTML 343Page - Nuvoton Technology Corporation M263 Datasheet HTML 344Page - Nuvoton Technology Corporation M263 Datasheet HTML 345Page - Nuvoton Technology Corporation M263 Datasheet HTML 346Page - Nuvoton Technology Corporation M263 Datasheet HTML 347Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 343 of 398
Rev 1.02
Note:
1.
Maximum allowable current is a function of device maximum power dissipation.
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not
be sunk/sourced between two consecutive power supply pins.
3. A positive injection is caused by VIN>AVDD and a negative injection is caused by VIN<VSS. IINJ(PIN) must never be
exceeded. It is recommended to connect an overvoltage protection diode between the analog input pin and the voltage
supply pin.
Table 8.1-2 Current Characteristics
8.1.3
Thermal Characteristics
The average junction temperature can be calculated by using the following equation:
TJ = TA + (PD x
θ
JA
)
TA = ambient temperature (℃)
θ
JA = thermal resistance junction-ambient (℃/Watt)
PD
= sum of internal and I/O power dissipation
Symbol
Parameter
Min
Max
Unit
TA
Operating Temperature
-40
105
C
TJ
Junction temperature
-40
125
TST
Storage Temperature
-65
150
Table 8.1-3 Thermal Characteristics
8.1.4
EMC Characteristics
8.1.4.1
Electrostatic Discharge (ESD)
For the Nuvoton MCU products, there are ESD protection circuits which built into chips to avoid any
damage that can be caused by typical levels of ESD.
8.1.4.2
Static Latchup
Two complementary static tests are required on six parts to assess the latchup
performance:
A supply overvoltage is applied to each power supply pin
A current injection is applied to each input, output and configurable I/O pin
8.1.4.3
Electrical Fast Transients (EFT)
In some application circuit compoment will produce fast and narrow high-frequency trasnients bursts
of narrow high-frequency transients on the power distribution system..
Inductive loads:
–
Relays, switch contactors
–
Heavy-duty motors when de-energized etc.
The fast transient immunity requirements for electronic products are defined in IEC 61000-4-4 by
International ElectrotechnicalCommission (IEC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com