Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 345 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 345 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 341Page - Nuvoton Technology Corporation M263 Datasheet HTML 342Page - Nuvoton Technology Corporation M263 Datasheet HTML 343Page - Nuvoton Technology Corporation M263 Datasheet HTML 344Page - Nuvoton Technology Corporation M263 Datasheet HTML 345Page - Nuvoton Technology Corporation M263 Datasheet HTML 346Page - Nuvoton Technology Corporation M263 Datasheet HTML 347Page - Nuvoton Technology Corporation M263 Datasheet HTML 348Page - Nuvoton Technology Corporation M263 Datasheet HTML 349Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 345 of 398
Rev 1.02
8.2
General Operating Conditions
(VDD-VSS = 1.7 ~ 3.6V, TA = 25C, HCLK = 64 MHz unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
f
HCLK
Internal AHB clock frequency
-
-
64
MHz
VDD
Operation Voltage
1.7
-
3.6
V
AVDD
[*1]
Analog Operation Voltage
VDD
VDDIO
Power supply for PA.0 ~ 5
1.7
-
3.6
VBAT
RTC Operation voltage for PF.6 ~
PF.11
1.7
-
3.6
VLDO
LDO Output Voltage
1.08
1.2
1.32
VBG
Band-gap Voltage
1.18
-
1.21
CLDO
[*2]
LDO Output capacitance on each pin
-
2.2
-
uF
Note:
1.
It is recommended to power VDD and AVDD from the same source. A maximum difference of 0.3 V between VDD and
AVDD can be tolerated during power-on and power-off operation .
2.
To ensure stability, an external 1 μF output capacitor, CLDO must be connected between the LDO_CAP pin and the
closest GND pin of the device. Solid tantalum and multilayer ceramic capacitors are suitable as output capacitor.
Additional 100 nF bypass capacitor between LDO_CAP pin and the closest GND pin of the device helps decrease
output noise and improves the load transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com