Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 342 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 342 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 338Page - Nuvoton Technology Corporation M263 Datasheet HTML 339Page - Nuvoton Technology Corporation M263 Datasheet HTML 340Page - Nuvoton Technology Corporation M263 Datasheet HTML 341Page - Nuvoton Technology Corporation M263 Datasheet HTML 342Page - Nuvoton Technology Corporation M263 Datasheet HTML 343Page - Nuvoton Technology Corporation M263 Datasheet HTML 344Page - Nuvoton Technology Corporation M263 Datasheet HTML 345Page - Nuvoton Technology Corporation M263 Datasheet HTML 346Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 342 of 398
Rev 1.02
8
ELECTRICAL CHARACTERISTICS
8.1
Absolute Maximum Ratings
Stesses above the absolute maximum ratings may cause permanent damage to the device. The
limiting values are stress ratings only and cannot be used to functional operation of the device.
Exposure to the absolute maximum ratings may affect device reliability and proper operation is not
guaranteed.
8.1.1
Voltage Characteristics
Symbol
Parameter
Min
Max
Unit
VDD-VSS
DC Power Supply
-0.3
4.0
V
VDDIO-VSS
VDDIO Power Supply
-0.3
4.0
V
VBat
RTC domain Power Supply
-0.3
4.0
V
|VDDX – VDD|
Variations between different power pins
-
50
mV
|VDD –AVDD|
Allowed voltage difference for VDD and AVDD
-
50
mV
|VSSX - VSS|
Variations between different ground pins
-
50
mV
|VSS - AVSS|
Allowed voltage difference for VSS and AVSS
-
50
mV
VIN
Input Voltage on 5V-tolerance GPIO
VSS-0.3
5.5
V
Input Voltage on RTC domain (PF.6 ~ PF.11)
VSS-0.3
4.0
V
Input Voltage on any other pin
[*2]
VSS-0.3
4.0
V
Note:
1.
All main power (VDD, AVDD) and ground (VSS, AVSS) pins must always be connected to the external power supply, in the
permitted range.
2.
Non 5V-tolerance PIN: PA.8 ~ 15; PB.0 ~ 15; PD.10, 11, 12; PF.2, 3, 4, 5; All USB High Speed pin and nRESET pin.
Table 8.1-1 Voltage Characteristics
8.1.2
Current Characteristics
Symbol
Parameter
Max
Unit
IDD
Maximum Current into VDD
200
mA
IDDIO
Maximum Current into VDDIO
100
IBAT
Maximum Current into VBAT
100
ISS
Maximum Current out of VSS
100
IIO
Maximum Current sunk by a I/O Pin
20
Maximum Current Sourced by a I/O Pin
20
Maximum Current Sunk by Total I/O Pins
100
Maximum Current Sourced by Total I/O Pins
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com