Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 360 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 360 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 356Page - Nuvoton Technology Corporation M263 Datasheet HTML 357Page - Nuvoton Technology Corporation M263 Datasheet HTML 358Page - Nuvoton Technology Corporation M263 Datasheet HTML 359Page - Nuvoton Technology Corporation M263 Datasheet HTML 360Page - Nuvoton Technology Corporation M263 Datasheet HTML 361Page - Nuvoton Technology Corporation M263 Datasheet HTML 362Page - Nuvoton Technology Corporation M263 Datasheet HTML 363Page - Nuvoton Technology Corporation M263 Datasheet HTML 364Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 360 of 398
Rev 1.02
8.3.3
Wakeup Time
The wakeup times given in Table 8.3-7 is measured on a wakeup phase with a 12 MHz HIRC
oscillator. The clock source used to wake up the device depends from the current operating
mode:
–
Fast-wakeup, power down, low leakage Power-down mode: the clock source is the RC
oscillator
–
Standby and Deep Power-down mode: the clock source is the clock that was set before
entering Sleep mode.
The wakeup times are measured from the wakeup event to the point in which the application
code reads the first instruction.
The clock source is the RC oscillator from HIRC.
Symbol
Parameter
Typ
[*1]
Unit
tWU_IDLE
Wakeup from IDLE mode
1.63
[*2]
µs
tWU_FWPD
Wakeup from Fast-wakeup Power-down mode
9.0
[*2]
tWU_NPD
Wakeup from normal Power-down mode
11.5
[*2]
tWU_LLPD
Wakeup from low leakage Power-down mode
60
[*2]
tWU_ULLPD
Wakeup from ultra low leakage power down
61
[*2]
tWU_SPD
Wakeup from Standby Power-down mode (SPD)
525
[*2]
tWU_DPD
Deep Power-down mode (DPD)
183
[*3]
Note:
1.
Guaranteed by characterization results, not tested in production.
2.
The wake up source is GPIO(PA.0) wake up.
3.
The wake up source is GPIO(PC.0) wake up.
4.
Based on test during characterization, not tested in production.
5.
The wakeup times are measured from the wakeup event to the point in which the application code reads the first
Table 8.3-7 Low-power Mode Wakeup Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com