Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 362 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 362 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 358Page - Nuvoton Technology Corporation M263 Datasheet HTML 359Page - Nuvoton Technology Corporation M263 Datasheet HTML 360Page - Nuvoton Technology Corporation M263 Datasheet HTML 361Page - Nuvoton Technology Corporation M263 Datasheet HTML 362Page - Nuvoton Technology Corporation M263 Datasheet HTML 363Page - Nuvoton Technology Corporation M263 Datasheet HTML 364Page - Nuvoton Technology Corporation M263 Datasheet HTML 365Page - Nuvoton Technology Corporation M263 Datasheet HTML 366Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 362 of 398
Rev 1.02
ISK2
(Quasi-bidirectional, Push-pull Mode, Set GPIO
to output LOW, Apply GPIO pin
VIN=(VSS+0.4)V for VSS and measure the
source current)
4.102
-
12.351
mA
VDD = VDDIO = 1.8V
ITL
Logic 1 to 0 Transition Current
(Quasi-bidirectional Mode)
-
-70
-
uA
VDD = VDDIO = 3.3V
VIN=2.0V
CIO
I/O pin capacitance
-
4.2
-
pF
Notes:
1. Guaranteed by characterization result, not tested in production.
2. The ISR and ISK must always respect the abslute maximum current and the sum of I/O, CPU and peripheral must not
exceed ΣIDD and ΣISS.
Table 8.3-9 PIN Output Characteristics
Symbol
Parameter
Min
Typ
Max
unit
Test Conditions
VILR
Negative going threshold
(Schmitt input), nRESET
-
-
0.3*VDD
V
VDD = 3.3V
VIHR
Positive going threshold
(Schmitt Input), nRESET
0.7*VDD
-
-
V
VDD = 3.3V
RRST
Internal nRESET pin pull up resistor
50
-
56.8
KΩ
tFR1
nRESET input filtered time
-
32
-
uS
tFR2
nRESET input filtered time under SPD and DPD
mode
-
300
-
nS
VDD = 3.3V,
Notes:
1. Guaranteed by characterization result, not tested in production.
2.
It is recommended to add a 10 kΩ and 10uF capacitor at nRESET pin to keep reset signal stable.
Table 8.3-10 nRESET Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com