Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 390 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 390 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 386Page - Nuvoton Technology Corporation M263 Datasheet HTML 387Page - Nuvoton Technology Corporation M263 Datasheet HTML 388Page - Nuvoton Technology Corporation M263 Datasheet HTML 389Page - Nuvoton Technology Corporation M263 Datasheet HTML 390Page - Nuvoton Technology Corporation M263 Datasheet HTML 391Page - Nuvoton Technology Corporation M263 Datasheet HTML 392Page - Nuvoton Technology Corporation M263 Datasheet HTML 393Page - Nuvoton Technology Corporation M263 Datasheet HTML 394Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 390 of 398
Rev 1.02
VCM
Differential
Common-mode Range
0.8
-
2.5
V
Includes VDI range
VSE
Single-ended Receiver
Threshold
0.8
-
2.0
V
-
Receiver Hysteresis
-
200
-
mV
-
VOL
Output Low (driven)
0
-
0.3
V
-
VOH
Output High (driven)
2.8
-
3.6
V
-
VCRS
Output Signal Cross Voltage
1.3
-
2.0
V
-
RPU
Pull-up Resistor
1.425
-
1.575
kΩ
-
RPD
Pull-down Resistor
14.25
-
15.75
kΩ
VTRM
Termination Voltage for Uptream
port pull up (RPU)
3.0
-
3.6
V
ZDRV
Driver Output Resistance
-
10
-
Ω
Steady state drive*
CIN
Transceiver Capacitance
-
-
20
pF
Pin to GND
TFR
Rise Time
4
-
20
ns
CL=50p
TFF
Fall Time
4
-
20
ns
CL=50p
TFRFF
Rise and Fall Time Matching
90
-
111.11
%
TFRFF=TFR/TFF
Note:
1.
Guaranteed by characteristic, not tested in production
2.
To ensure stability, an external 1 μF output capacitor, 1uF external capacitor must be connected between the
USB_VDD33_CAP pin and the closest GND pin of the device.
3.
USB_D+ and USB_D- must be connected with series resistors to fit USB Full-
speed spec request (28 ~ 44Ω).
8.13
SDIO Characteristics
8.13.1
Default Mode Timing
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
TP_SD_CLK
SD_CLK Period
(Data Transfer Mode)
40
-
-
ns
-
TP_SD_CLK_ID
SD_CLK Period
(Identification Mode)
2,500
-
-
ns
TH_SD_CLK
SD_CLK High Time
-
20
-
ns
-
TL_SD_CLK
SD_CLK Low Time
-
20
-
ns
-
TSU_SD_IN
SD_DATA Setup Time to
SD_CLK Rising
5
-
-
ns
-
THD_SD_IN
SD_DATA Hold Time from SD_CLK Rising
5
-
-
ns
-
TDLY_SD_OUT
SD_CLK Falling to
Valid SD_DATA Delay
-
-
14
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com