Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 389 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 389 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 385Page - Nuvoton Technology Corporation M263 Datasheet HTML 386Page - Nuvoton Technology Corporation M263 Datasheet HTML 387Page - Nuvoton Technology Corporation M263 Datasheet HTML 388Page - Nuvoton Technology Corporation M263 Datasheet HTML 389Page - Nuvoton Technology Corporation M263 Datasheet HTML 390Page - Nuvoton Technology Corporation M263 Datasheet HTML 391Page - Nuvoton Technology Corporation M263 Datasheet HTML 392Page - Nuvoton Technology Corporation M263 Datasheet HTML 393Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 389 of 398
Rev 1.02
SPI Clock
SPI data input
(SPI_MOSI)
SPI data output
(SPI_MISO)
Data Valid
CLKPOL=0
TXNEG=1
RXNEG=0
CLKPOL=1
TXNEG=0
RXNEG=1
tV
Data Valid
Data Valid
Data Valid
tDS
tDH
tSH
tSS
SPI SS
SPI Clock
SPI data input
(SPI_MOSI)
SPI data output
(SPI_MISO)
Data Valid
CLKPOL=0
TXNEG=0
RXNEG=1
CLKPOL=1
TXNEG=1
RXNEG=0
tV
Data Valid
Data Valid
Data Valid
tDS
tDH
tSH
tSS
SPI SS
SSACTPOL=1
SSACTPOL=0
SSACTPOL=1
SSACTPOL=0
tCLKH
tCLKL
tCLKH
tCLKL
Figure 8.11-2 SPI Slave Mode Timing Diagram
8.12
USB Characteristics
8.12.1
USB Full-Speed PHY Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VDD
Power
3
3.3
3.6
V
-
VIH
Input High (driven)
2.0
-
-
V
VIL
Input Low
-
-
0.8
V
-
VDI
Differential Input Sensitivity
0.2
-
-
V
|PADP-PADM|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com