Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 385 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 385 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 381Page - Nuvoton Technology Corporation M263 Datasheet HTML 382Page - Nuvoton Technology Corporation M263 Datasheet HTML 383Page - Nuvoton Technology Corporation M263 Datasheet HTML 384Page - Nuvoton Technology Corporation M263 Datasheet HTML 385Page - Nuvoton Technology Corporation M263 Datasheet HTML 386Page - Nuvoton Technology Corporation M263 Datasheet HTML 387Page - Nuvoton Technology Corporation M263 Datasheet HTML 388Page - Nuvoton Technology Corporation M263 Datasheet HTML 389Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 385 of 398
Rev 1.02
8.9
I
2S Dynamic Characteristics
Symbol
Parameter
Min
Max
Unit
Test Conditions
tw(CKH)
I
2S clock high time
39
-
ns
Master fPCLK = MHz, data: 24 bits, audio
frequency = 256 kHz
tw(CKL)
I
2S clock low time
39
-
tv(WS)
WS valid time
2
12
Master mode
th(WS)
WS hold time
1
-
Master mode
tsu(WS)
WS setup time
24
-
Slave mode
th(WS)
WS hold time
0
-
Slave mode
DuCy(SCK)
I
2S slave input clock
duty cycle
35
65
%
Slave mode
tsu(SD_MR)
Data input setup time
22
-
ns
Master receiver
tsu(SD_SR)
10
-
Slave receiver
th(SD_MR)
Data input hold time
7
-
Master receiver
th(SD_SR)
8
-
Slave receiver
tv(SD_ST)
Data output valid time
-
21
Slave transmitter (after enable edge)
th(SD_ST)
Data output hold time
4
-
Slave transmitter (after enable edge)
tv(SD_MT)
Data output valid time
-
7
Master transmitter (after enable edge)
th(SD_MT)
Data output hold time
0
-
Master transmitter (after enable edge)
tw(CKH)
tw(CKL)
th(WS)
tv(WS)
th(SD_ST)
LSB transmit
(2)
MSB transmit
Bitn transmit
LSB transmit
LSB receive
(2)
MSB receive
Bitn receive
LSB receive
tsu(SD_MR)
th(SD_MR)
SDtransmit
SDreceive
WS output
CPOL = 1
CPOL = 0
tv(SD_ST)
Figure 8.9-1 I
2S Master Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com