Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 381 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 381 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 377Page - Nuvoton Technology Corporation M263 Datasheet HTML 378Page - Nuvoton Technology Corporation M263 Datasheet HTML 379Page - Nuvoton Technology Corporation M263 Datasheet HTML 380Page - Nuvoton Technology Corporation M263 Datasheet HTML 381Page - Nuvoton Technology Corporation M263 Datasheet HTML 382Page - Nuvoton Technology Corporation M263 Datasheet HTML 383Page - Nuvoton Technology Corporation M263 Datasheet HTML 384Page - Nuvoton Technology Corporation M263 Datasheet HTML 385Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 381 of 398
Rev 1.02
8.6
Flash DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
VFLA
[1]
Supply Voltage
1.08
1.32
V
TA = 25℃
NENDUR
Endurance
10000
-
-
cycles
[2]
TRET
Data Ret ention
-
23.3
-
year
10 kcycles, Tj = 75℃
-
10.0
-
10 kcycles, Tj = 85℃
-
2.2
-
10 kcycles, Tj = 105℃
-
0.5
-
10 kcycles, Tj = 125℃
TERASE
Page Erase Time
92
-
160
mS
TA = 25℃
TMER
Mass Erase Time
201
-
320
TPROG
Program Time
42
-
50
uS
IDD1
Read Current
-
-
4.12
mA
IDD2
Program Current
-
-
5
mA
IDD3
Erase Current
-
-
5
uA
Note:
1.
VFLA is source from chip LDO output voltage.
2.
Number of program/erase cycles.
3.
This table is guaranteed by design, not test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com