Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 379 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 379 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 375Page - Nuvoton Technology Corporation M263 Datasheet HTML 376Page - Nuvoton Technology Corporation M263 Datasheet HTML 377Page - Nuvoton Technology Corporation M263 Datasheet HTML 378Page - Nuvoton Technology Corporation M263 Datasheet HTML 379Page - Nuvoton Technology Corporation M263 Datasheet HTML 380Page - Nuvoton Technology Corporation M263 Datasheet HTML 381Page - Nuvoton Technology Corporation M263 Datasheet HTML 382Page - Nuvoton Technology Corporation M263 Datasheet HTML 383Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 379 of 398
Rev 1.02
-
-
±4
LSB
12-bit mode
DACOUT buffer OFF
-
-
±2
LSB 10-bit mode
TA
Temperature
-40
-
105
℃
Monotonic
10-bit guaranteed
VO
Output Voltage
0.2
-
AV
DD -
0.2
V
DACOUT buffer ON
RLOAD
Resistive load
[*2]
7.5
-
-
kΩ DACOUT buffer ON
Ro
Output impedance
[*4]
-
10
12
kΩ DACOUT buffer OFF
CLOAD
Capacitive load
[*3]
-
-
50
pF
-
IAVDD
Current consumption on AVDD supply
[*4]
175
-
195
A
AV
DD = 3.6V, no load, lowest code
(0x000)
390
-
426
AV
DD = 3.6V, no load, middle code
(0x800)
I
REF
Current consumption on AVDD supply
[*4]
-
170
240
A VREF =3.6V, no load, middle code
(0x800)
T
S
Settling Time
-
5
6
μs
Full scale: for a 12-bit input code
transition between the lowest and the
highest input codes when DAC_OUT
reaches final value +/-1 LSB,
CLOAD=50p, RLOAD =7.5k
Fs
Update Rate
-
1
-
MSPS
Max frequency for a correct DAC_OUT
change from core i to i+1LSB, CLOAD =
50pF and RLOAD >= 5Kohm
TWAKEUP
Wake-up Time
-
9
15
μs
Wakeup time from OFF state. Input
code between lowest and highest
possible codes.
PSRR
Power Supply Rejection Ratio
[*1]
-
-60
-40
dB
No RLOAD, CLOAD = 50pF
Note:
1.
Guaranteed by design, not tested in production
2.
Resistive load between DACOUT and AVSS.
3.
Capacitive load at DACOUT pin.
4.
Guaranteed based on test during characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com