Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 375 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 375 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 371Page - Nuvoton Technology Corporation M263 Datasheet HTML 372Page - Nuvoton Technology Corporation M263 Datasheet HTML 373Page - Nuvoton Technology Corporation M263 Datasheet HTML 374Page - Nuvoton Technology Corporation M263 Datasheet HTML 375Page - Nuvoton Technology Corporation M263 Datasheet HTML 376Page - Nuvoton Technology Corporation M263 Datasheet HTML 377Page - Nuvoton Technology Corporation M263 Datasheet HTML 378Page - Nuvoton Technology Corporation M263 Datasheet HTML 379Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 375 of 398
Rev 1.02
8.5.5
12-bit ADC
8.5.5.1
Fast Speed Channel
Symbol
Parameter
Min.
[*1]
Typ.
Max.
[*1]
Unit
Test Conditions
AVDD
Operating voltage
3.3
-
3.6
V
AVDD = VDD
VREF
Reference voltage
-
AVDD
-
V
TA
Temperature
-40
-
105
℃
IADC
Operating current (AVDD current)
(Enable ADC and disable all other
analog modules)
470
-
520
uA
AVDD = VDD = VREF = 3.3V
ADC Clock Rate = 64 MHz
High speed channel
Resolution
-
-
12
Bit
VIN
ADC channel input voltage
0
-
VREF
V
FADC
ADC Clock frequency
0.14
-
64
MHz
High speed channel
TSMP
Sampling Time
3
-
258
1/FADC
TCONV
Conversion time
17
-
272
1/FADC
TCONV = TSMP + 14
FSPS
Sampling Rate (FADC/TCONV)
-
-
3.76
MSPS
High speed channel
TPU
Power-up time
20
-
-
μs
INL
Integral Non-Linearity Error
-6.6
-
2.7
LSB
VREF = AVDD
DNL
Differential Non-Linearity Error
-1
-
6.6
LSB
VREF = AVDD
EG
Gain error
-0.6
-
2.0
LSB
VREF = AVDD
EOFFSET
Offset error
-0.37
-
3.0
LSB
VREF = AVDD
EA
Absolute Error
-5.94
-
6.5
LSB
VREF = AVDD
CIN
Internal Capacitance
[*1]
-
5
-
pF
-
Monotonic
Guaranteed
-
Note:
1.
Guaranteed by characterization, not tested in production.
2.
REX max formula is used to determine the maximum external impedance allowed for 1/4 LSB error. N = 12 (based
on 12-bit resoluton) and k is the number of sampling clocks (TSMP). CEX represents the capacitance of PCB and pad
and is combined with REX into a low-pass filter. Once the REX and CEX values are too large, it is possible to filter the
real signal and reduce the ADC accuracy.
8.5.5.2
Low Speed Channel
Symbol
Parameter
Min.
[*1]
Typ.
Max.
[*1]
Unit
Test Conditions
AVDD
Operating voltage
1.7
-
3.6
V
AVDD = VDD
VREF
Reference voltage
-
AVDD
-
V
TA
Temperature
-40
-
105
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com