Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 374 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 374 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 370Page - Nuvoton Technology Corporation M263 Datasheet HTML 371Page - Nuvoton Technology Corporation M263 Datasheet HTML 372Page - Nuvoton Technology Corporation M263 Datasheet HTML 373Page - Nuvoton Technology Corporation M263 Datasheet HTML 374Page - Nuvoton Technology Corporation M263 Datasheet HTML 375Page - Nuvoton Technology Corporation M263 Datasheet HTML 376Page - Nuvoton Technology Corporation M263 Datasheet HTML 377Page - Nuvoton Technology Corporation M263 Datasheet HTML 378Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 374 of 398
Rev 1.02
8.5.4
Internal Voltage Reference
The maximum values are obtained for VDD = 3.6 V and maximum ambient temperature
(TA), and the typical values for TA= 25 °C and VDD = 3.3 V unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
Comments
VREF_INT
Internal reference voltage
-
1.6
-
V
AVDD > 2.0v
-
2.0
-
AVDD > 2.2v
-
2.5
-
AVDD > 2.7v
-
3.0
-
AVDD > 3.2v
Ts
stable time
-
-
2
ms
CL =4.7 uF, VREF initial=0
-
-
48
us
CL =0.1 uF, VREF initial=0
Note: Guaranteed by characterization, not tested in production.
VREF
1uF
Figure 8.5-2 Typical Connection with Internal Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com