Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 378 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 378 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 374Page - Nuvoton Technology Corporation M263 Datasheet HTML 375Page - Nuvoton Technology Corporation M263 Datasheet HTML 376Page - Nuvoton Technology Corporation M263 Datasheet HTML 377Page - Nuvoton Technology Corporation M263 Datasheet HTML 378Page - Nuvoton Technology Corporation M263 Datasheet HTML 379Page - Nuvoton Technology Corporation M263 Datasheet HTML 380Page - Nuvoton Technology Corporation M263 Datasheet HTML 381Page - Nuvoton Technology Corporation M263 Datasheet HTML 382Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 378 of 398
Rev 1.02
8.5.6
Temperature Sensor
Symbol
Parameter
Min
Typ
Max
Unit
V
DD
Operating Voltage
1.7
-
3.6
V
TA
Temperature Range
40
-
105
°C
ITEMP
Current Consumption
[*3]
-
16
-
A
Tc
Temperature Coefficient
[*3]
-1.77
-1.82
-1.86
mV/°C
Vos
Offset Voltage when TA = 0°C
[*3]
710
720
730
mV
t
S
Stable time
[*2]
-
1
-
µs
T
S_temp
ADC sampling time when reading the temperature (5pF cap load)
[*1]
-
3
-
µs
Note:
1.
VTEMP (mV) = Temperature Coefficient (mV/°C) x Temperature (°C) + Offset (mV)
2.
Guaranteed by design, not tested in production
3.
Guaranteed by characteristic, not tested in production
8.5.7
Digital to Analog Converter (DAC)
Symbol
Parameter
Min
Typ
Max
Unit
Comments
AV
DD
Analog supply voltage
1.8
-
3.6
V
NR
Resolution
12
bit
V
REF
Reference supply voltage
1.5
AV
DD
V
V
REF
≤ AV
DD
DNL
Differential non-linearity error[*4]
-
-
±2
LSB 12-bit mode
-
-
±0.5
LSB 10-bit mode
INL
Integral non-linearity error[*4]
-
-
±4
LSB 12-bit mode
-
-
±1
LSB 10-bit mode
OE
Offset Error[*4]
-
-
±6
LSB
12-bit mode
DACOUT buffer ON
-
-
±4
LSB
12-bit mode
DACOUT buffer OFF
-
-
±2
LSB 10-bit mode
GE
Gain Error[*4]
-12
-
4
LSB
12-bit mode
DACOUT buffer ON
-
-
±4
LSB
12-bit mode
DACOUT buffer OFF
-
-
±2
LSB 10-bit mode
AE
Absolute Error[*4]
-
-
±10
LSB
12-bit mode
DACOUT buffer ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com