Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 372 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 372 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 368Page - Nuvoton Technology Corporation M263 Datasheet HTML 369Page - Nuvoton Technology Corporation M263 Datasheet HTML 370Page - Nuvoton Technology Corporation M263 Datasheet HTML 371Page - Nuvoton Technology Corporation M263 Datasheet HTML 372Page - Nuvoton Technology Corporation M263 Datasheet HTML 373Page - Nuvoton Technology Corporation M263 Datasheet HTML 374Page - Nuvoton Technology Corporation M263 Datasheet HTML 375Page - Nuvoton Technology Corporation M263 Datasheet HTML 376Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 372 of 398
Rev 1.02
8.5.3
Low-Voltage Reset
Symbol
Parameter
Min Typ Max Unit
Test Condition
AVDD
Supply Voltage
0
-
3.6
V
TA
Temperature
-40
-
105
℃
-
ILVR
Operating Current
-
0.5
-
uA
AVDD = 3.6V
VLVR *
Threshold Voltage
-
1.5
-
V
IBOD
Operating Current
-
65
-
μA
AVDD = 3.6V
VBOD_F
Brown-out Voltage
(Falling edge)
-
3
-
V
BODVL
(SYS_BODCTL[18:16])
= 111
-
2.8
-
V
BODVL
(SYS_BODCTL[18:16])
= 110
-
2.6
-
V
BODVL
(SYS_BODCTL[18:16])
= 101
-
2.4
-
V
BODVL
(SYS_BODCTL[18:16])
= 100
-
2.2
-
V
BODVL
(SYS_BODCTL[18:16])
= 011
-
2.0
-
V
BODVL
(SYS_BODCTL[18:16])
= 010
-
1.8
-
V
BODVL
(SYS_BODCTL[18:16])
= 001
-
1.6
-
V
BODVL
(SYS_BODCTL[18:16])
= 000
VBOD_R
Brown-out Voltage
(Rising edge)
-
3
-
V
BODVL
(SYS_BODCTL[18:16])
= 111
-
2.8
-
V
BODVL
(SYS_BODCTL[18:16])
= 110
-
2.6
-
V
BODVL
(SYS_BODCTL[18:16])
= 101
-
2.4
-
V
BODVL
(SYS_BODCTL[18:16])
= 100
-
2.2
-
V
BODVL
(SYS_BODCTL[18:16])
= 011
-
2.0
-
V
BODVL
(SYS_BODCTL[18:16])
= 010
-
1.8
-
V
BODVL
(SYS_BODCTL[18:16])
= 001
-
1.6
-
V
BODVL
(SYS_BODCTL[18:16])
= 000
TBOD_RE
Respond Time
-
1
-
ms
VPOR
Reset Voltage
-
1.45
-
V
RRVDD
VDD Raising Rate to Ensure
Power-on Reset
10
-
-
us/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com