Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 368 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 368 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 364Page - Nuvoton Technology Corporation M263 Datasheet HTML 365Page - Nuvoton Technology Corporation M263 Datasheet HTML 366Page - Nuvoton Technology Corporation M263 Datasheet HTML 367Page - Nuvoton Technology Corporation M263 Datasheet HTML 368Page - Nuvoton Technology Corporation M263 Datasheet HTML 369Page - Nuvoton Technology Corporation M263 Datasheet HTML 370Page - Nuvoton Technology Corporation M263 Datasheet HTML 371Page - Nuvoton Technology Corporation M263 Datasheet HTML 372Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 368 of 398
Rev 1.02
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note: Guaranteed by characterization, not tested in production.
8.4.7
10 kHz Internal Low Speed RC Oscillator (LIRC)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
VLRC
Supply voltage
1.7
-
3.6
V
FLRC
Center Frequency
10
kHz
Frequency
drift
over
temperarure and volatge
[*1]
-40.476
-
49.772
%
VDD=1.7V~3.6V, TA=-40~105°C
ILRC
Operating current
-
0.29
-
A
VDD = 3.3V
TS
Stable time
-
200
-
μs
Note: Guaranteed by characterization, not tested in production.
8.4.8
PLL Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
PLL_IN
PLL input clock
4
-
24
MHz
f
PLL_OUT
PLL multiplier output clock
50
-
200
MHz
Jitter
Cycle-to-cycle Jitter
[*2]
Peak to peak at 144M
-
250
-
ps
I
DD
Power consumption
VDD=3.3V at 200 MHz
-
1
-
mA
Note:
1.
Guaranteed by characterization, not tested in production.
2.
Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com