Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 367 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 367 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 363Page - Nuvoton Technology Corporation M263 Datasheet HTML 364Page - Nuvoton Technology Corporation M263 Datasheet HTML 365Page - Nuvoton Technology Corporation M263 Datasheet HTML 366Page - Nuvoton Technology Corporation M263 Datasheet HTML 367Page - Nuvoton Technology Corporation M263 Datasheet HTML 368Page - Nuvoton Technology Corporation M263 Datasheet HTML 369Page - Nuvoton Technology Corporation M263 Datasheet HTML 370Page - Nuvoton Technology Corporation M263 Datasheet HTML 371Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 367 of 398
Rev 1.02
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Clock Fall Time
tCHCL
-
-
50
ns
LXT Input Pin Input High Voltage
Xin_VIH
0.7*VDD
-
-
V
LXT Input Pin Input Low Voltage
Xin_VIL
-
-
0.3*VDD
V
tCHCX
90%
10%
tCLCH
tCHCL
tCLCX
tCLCL
Xin_VIL
Xin_VIH
Note: Duty cycle is 50%.
8.4.5
12 MHz Internal High Speed RC Oscillator (HIRC)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
VHRC
Supply voltage
1.7
-
3.6
V
fHRC
Center Frequency
-
12
-
MHz
Internal Oscillator Frequency
[*1]
-0.35
-
0.35
%
TA = 25 °C,
VDD = 3.3V
-3.6
-
2.7
%
TA = -40C ~ +105 °C,
VDD = 1.7 ~ 3.6V
IHRC
Operating current
-
70
-
A
TS
Stable time
-
3
-
us
Note: Guaranteed by characterization, not tested in production.
8.4.6
48 MHz Internal High Speed RC Oscillator (HIRC48)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
VHRC
Supply voltage
1.7
-
3.6
V
fHRC
Center Frequency
-
48
-
MHz
Frequency drift over temperarure
and volatge
[*1]
-0.285
-
0.8715
%
TA = 25 °C,
VDD = 3.3V
-3.555
-
2.41
%
TA = -40C ~ +105 °C,
VDD = 1.7 ~ 3.6V
IHRC
Operating current
-
100
-
A
TS
Stable time
-
5
-
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com