Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 369 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 369 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 365Page - Nuvoton Technology Corporation M263 Datasheet HTML 366Page - Nuvoton Technology Corporation M263 Datasheet HTML 367Page - Nuvoton Technology Corporation M263 Datasheet HTML 368Page - Nuvoton Technology Corporation M263 Datasheet HTML 369Page - Nuvoton Technology Corporation M263 Datasheet HTML 370Page - Nuvoton Technology Corporation M263 Datasheet HTML 371Page - Nuvoton Technology Corporation M263 Datasheet HTML 372Page - Nuvoton Technology Corporation M263 Datasheet HTML 373Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 369 of 398
Rev 1.02
8.4.9
I/O AC Characteristics
Px_SLEWCTL
Symbol
Parameter
Conditions
Typ
Unit
00
tf(IO)out
Output high to low level fall time
(90~10%)
V
DD = 3.6 V
C
L = 51 pF
4.1
ns
C
L = 30 pF
2.9
V
DD = 1.7 V
C
L = 51 pF
9.7
C
L = 30 pF
7.3
tr(IO)out
Output low to high level rise time
(10~90%)
V
DD = 3.6 V
C
L = 51 pF
4.4
C
L = 30 pF
3.3
V
DD = 1.7 V
C
L = 51 pF
10.0
C
L = 30 pF
7.3
01
tf(IO)out
Output high to low level fall time
(90~10%)
V
DD = 3.6 V
C
L = 51 pF
3.4
C
L = 30 pF
2.2
V
DD = 1.7 V
C
L = 51 pF
7.4
C
L = 30 pF
4.9
tr(IO)out
Output low to high level rise time
(10~90%)
V
DD = 3.6 V
C
L = 51 pF
3.1
C
L = 30 pF
2.0
V
DD = 1.7 V
C
L = 51 pF
7.2
C
L = 30 pF
4.7
10
tf(IO)out
Output high to low level fall time
(90~10%)
V
DD = 3.6 V
C
L = 51 pF
3.4
C
L = 30 pF
2.2
V
DD = 1.7 V
C
L = 51 pF
7.4
C
L = 30 pF
4.9
tr(IO)out
Output low to high level rise time
(10~90%)
V
DD = 3.6 V
C
L = 51 pF
3.1
C
L = 30 pF
2.0
V
DD = 1.7 V
C
L = 51 pF
7.2
C
L = 30 pF
4.7
Notes:
1. Guaranteed by characterization result, not tested in production.
2. CL is a external capacitive load to simulate PCB and device loading.
3. The maximum frequency is defined by
.
4. The I/O dynamic current consumption is defined by
Table 8.4-3 I/O AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com