Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 237 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 237 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 233Page - Nuvoton Technology Corporation M263 Datasheet HTML 234Page - Nuvoton Technology Corporation M263 Datasheet HTML 235Page - Nuvoton Technology Corporation M263 Datasheet HTML 236Page - Nuvoton Technology Corporation M263 Datasheet HTML 237Page - Nuvoton Technology Corporation M263 Datasheet HTML 238Page - Nuvoton Technology Corporation M263 Datasheet HTML 239Page - Nuvoton Technology Corporation M263 Datasheet HTML 240Page - Nuvoton Technology Corporation M263 Datasheet HTML 241Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 237 of 398
Rev 1.02
Group
Pin Name
GPIO
MFP
Type
Description
PA.4
MFP8
I
PE.6
MFP8
I
UART5_TXD
PB.5
MFP7
O
UART5 data transmitter output pin.
PA.5
MFP8
O
PE.7
MFP8
O
UART5_nCTS
PB.2
MFP7
I
UART5 clear to Send input pin.
UART5_nRTS
PB.3
MFP7
O
UART5 request to Send output pin.
USB
USB_D+
PA.14
MFP14
A
USB differential signal D+.
USB_D-
PA.13
MFP14
A
USB differential signal D-.
USB_OTG_ID
PA.15
MFP14
I
USB_ identification.
USB_VBUS
PA.12
MFP14
P
Power supply from USB host or HUB.
USB_VBUS_EN
PB.6
MFP14
O
USB external VBUS regulator enable pin.
PB.15
MFP14
O
USB_VBUS_ST
PD.4
MFP14
I
USB external VBUS regulator status pin.
PB.14
MFP15
I
PB.7
MFP14
I
USCI0
USCI0_CLK
PA.11
MFP6
I/O
USCI0 clock pin.
PD.0
MFP3
I/O
PE.2
MFP7
I/O
PB.12
MFP5
I/O
USCI0_CTL0
PC.13
MFP6
I/O
USCI0 control 0 pin.
PD.4
MFP3
I/O
PE.6
MFP7
I/O
PD.14
MFP5
I/O
USCI0_CTL1
PA.8
MFP6
I/O
USCI0 control 1 pin.
PD.3
MFP3
I/O
PE.5
MFP7
I/O
PB.15
MFP5
I/O
USCI0_DAT0
PA.10
MFP6
I/O
USCI0 data 0 pin.
PD.1
MFP3
I/O
PE.3
MFP7
I/O
PB.13
MFP5
I/O
USCI0_DAT1
PA.9
MFP6
I/O
USCI0 data 1 pin.
PD.2
MFP3
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com