| Electronic Components Datasheet Search |
|
M263 Datasheet(PDF) 239 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M263 Datasheet(HTML) 239 Page - Nuvoton Technology Corporation |
|
239 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 239 of 398 Rev 1.02 4.2.9 M263 Series Multi-function Summary Table Sorted by GPIO Pin Name Type MFP Description PA.0 PA.0 I/O MFP0 General purpose digital I/O pin. QSPI0_MOSI0 I/O MFP3 QSPI0 MOSI0 (Master Out, Slave In) pin. SPI0_MOSI I/O MFP4 SPI0 MOSI (Master Out, Slave In) pin. SC0_CLK O MFP6 Smart Card 0 clock pin. UART0_RXD I MFP7 UART0 data receiver input pin. UART1_nRTS O MFP8 UART1 request to Send output pin. I2C2_SDA I/O MFP9 I 2C2 data input/output pin. BPWM0_CH0 I/O MFP12 BPWM0 channel 0 output/capture input. EPWM0_CH5 I/O MFP13 EPWM0 channel 5 output/capture input. DAC0_ST I MFP15 DAC0 external trigger input. PA.1 PA.1 I/O MFP0 General purpose digital I/O pin. QSPI0_MISO0 I/O MFP3 QSPI0 MISO0 (Master In, Slave Out) pin. SPI0_MISO I/O MFP4 SPI0 MISO (Master In, Slave Out) pin. SC0_DAT I/O MFP6 Smart Card 0 data pin. UART0_TXD O MFP7 UART0 data transmitter output pin. UART1_nCTS I MFP8 UART1 clear to Send input pin. I2C2_SCL I/O MFP9 I 2C2 clock pin. BPWM0_CH1 I/O MFP12 BPWM0 channel 1 output/capture input. EPWM0_CH4 I/O MFP13 EPWM0 channel 4 output/capture input. DAC1_ST I MFP15 DAC1 external trigger input. PA.2 PA.2 I/O MFP0 General purpose digital I/O pin. QSPI0_CLK I/O MFP3 QSPI0 serial clock pin. SPI0_CLK I/O MFP4 SPI0 serial clock pin. SC0_RST O MFP6 Smart Card 0 reset pin. UART4_RXD I MFP7 UART4 data receiver input pin. UART1_RXD I MFP8 UART1 data receiver input pin. I2C1_SDA I/O MFP9 I 2C1 data input/output pin. BPWM0_CH2 I/O MFP12 BPWM0 channel 2 output/capture input. EPWM0_CH3 I/O MFP13 EPWM0 channel 3 output/capture input. PA.3 PA.3 I/O MFP0 General purpose digital I/O pin. QSPI0_SS I/O MFP3 QSPI0 slave select pin. SPI0_SS I/O MFP4 SPI0 slave select pin. SC0_PWR O MFP6 Smart Card 0 power pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |