Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 261 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 261 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 257Page - Nuvoton Technology Corporation M263 Datasheet HTML 258Page - Nuvoton Technology Corporation M263 Datasheet HTML 259Page - Nuvoton Technology Corporation M263 Datasheet HTML 260Page - Nuvoton Technology Corporation M263 Datasheet HTML 261Page - Nuvoton Technology Corporation M263 Datasheet HTML 262Page - Nuvoton Technology Corporation M263 Datasheet HTML 263Page - Nuvoton Technology Corporation M263 Datasheet HTML 264Page - Nuvoton Technology Corporation M263 Datasheet HTML 265Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 261 of 398
Rev 1.02
Pin Name
Type
MFP
Description
BPWM0_CH5
I/O
MFP8
BPWM0 channel 5 output/capture input.
X32_OUT
O
MFP10
External 32.768 kHz crystal output pin.
PF.5
PF.5
I/O
MFP0
General purpose digital I/O pin.
UART2_RXD
I
MFP2
UART2 data receiver input pin.
UART2_nCTS
I
MFP4
UART2 clear to Send input pin.
BPWM0_CH4
I/O
MFP8
BPWM0 channel 4 output/capture input.
EPWM0_SYNC_OUT
O
MFP9
EPWM0 counter synchronous trigger output pin.
X32_IN
I
MFP10
External 32.768 kHz crystal input pin.
EADC0_ST
I
MFP11
EADC0 external trigger input.
PF.6
PF.6
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR19
O
MFP2
EBI address bus bit 19.
SC0_CLK
O
MFP3
Smart Card 0 clock pin.
I2S0_LRCK
O
MFP4
I
2S0 left right channel clock output pin.
SPI0_MOSI
I/O
MFP5
SPI0 MOSI (Master Out, Slave In) pin.
UART4_RXD
I
MFP6
UART4 data receiver input pin.
EBI_nCS0
O
MFP7
EBI chip select 0 output pin.
TAMPER0
I/O
MFP10
TAMPER detector loop pin 0.
PF.7
PF.7
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR18
O
MFP2
EBI address bus bit 18.
SC0_DAT
I/O
MFP3
Smart Card 0 data pin.
I2S0_DO
O
MFP4
I
2S0 data output pin.
SPI0_MISO
I/O
MFP5
SPI0 MISO (Master In, Slave Out) pin.
UART4_TXD
O
MFP6
UART4 data transmitter output pin.
TAMPER1
I/O
MFP10
TAMPER detector loop pin 1.
PF.8
PF.8
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR17
O
MFP2
EBI address bus bit 17.
SC0_RST
O
MFP3
Smart Card 0 reset pin.
I2S0_DI
I
MFP4
I
2S0 data input pin.
SPI0_CLK
I/O
MFP5
SPI0 serial clock pin.
TAMPER2
I/O
MFP10
TAMPER detector loop pin 2.
PF.9
PF.9
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR16
O
MFP2
EBI address bus bit 16.
SC0_PWR
O
MFP3
Smart Card 0 power pin.
I2S0_MCLK
O
MFP4
I
2S0 master clock output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com