Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 262 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 262 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 258Page - Nuvoton Technology Corporation M263 Datasheet HTML 259Page - Nuvoton Technology Corporation M263 Datasheet HTML 260Page - Nuvoton Technology Corporation M263 Datasheet HTML 261Page - Nuvoton Technology Corporation M263 Datasheet HTML 262Page - Nuvoton Technology Corporation M263 Datasheet HTML 263Page - Nuvoton Technology Corporation M263 Datasheet HTML 264Page - Nuvoton Technology Corporation M263 Datasheet HTML 265Page - Nuvoton Technology Corporation M263 Datasheet HTML 266Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 262 of 398
Rev 1.02
Pin Name
Type
MFP
Description
SPI0_SS
I/O
MFP5
SPI0 slave select pin.
TAMPER3
I/O
MFP10
TAMPER detector loop pin 3.
PF.10
PF.10
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR15
O
MFP2
EBI address bus bit 15.
SC0_nCD
I
MFP3
Smart Card 0 card detect pin.
I2S0_BCLK
O
MFP4
I
2S0 bit clock output pin.
SPI0_I2SMCLK
I/O
MFP5
SPI0 I
2S master clock output pin
TAMPER4
I/O
MFP10
TAMPER detector loop pin 4.
PF.11
PF.11
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR14
O
MFP2
EBI address bus bit 14.
SPI2_MOSI
I/O
MFP3
SPI2 MOSI (Master Out, Slave In) pin.
TAMPER5
I/O
MFP10
TAMPER detector loop pin 5.
TM3
I/O
MFP13
Timer3 event counter input/toggle output pin.
PG.2
PG.2
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR11
O
MFP2
EBI address bus bit 11.
SPI2_SS
I/O
MFP3
SPI2 slave select pin.
I2C0_SMBAL
O
MFP4
I
2C0 SMBus SMBALTER pin
I2C1_SCL
I/O
MFP5
I
2C1 clock pin.
TM0
I/O
MFP13
Timer0 event counter input/toggle output pin.
PG.3
PG.3
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR12
O
MFP2
EBI address bus bit 12.
SPI2_CLK
I/O
MFP3
SPI2 serial clock pin.
I2C0_SMBSUS
O
MFP4
I
2C0 SMBus SMBSUS pin (PMBus CONTROL pin)
I2C1_SDA
I/O
MFP5
I
2C1 data input/output pin.
TM1
I/O
MFP13
Timer1 event counter input/toggle output pin.
PG.4
PG.4
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR13
O
MFP2
EBI address bus bit 13.
SPI2_MISO
I/O
MFP3
SPI2 MISO (Master In, Slave Out) pin.
TM2
I/O
MFP13
Timer2 event counter input/toggle output pin.
PG.9
PG.9
I/O
MFP0
General purpose digital I/O pin.
EBI_AD0
I/O
MFP2
EBI address/data bus bit 0.
BPWM0_CH5
I/O
MFP12
BPWM0 channel 5 output/capture input.
PG.10
PG.10
I/O
MFP0
General purpose digital I/O pin.
EBI_AD1
I/O
MFP2
EBI address/data bus bit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com