Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 266 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 266 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 262Page - Nuvoton Technology Corporation M263 Datasheet HTML 263Page - Nuvoton Technology Corporation M263 Datasheet HTML 264Page - Nuvoton Technology Corporation M263 Datasheet HTML 265Page - Nuvoton Technology Corporation M263 Datasheet HTML 266Page - Nuvoton Technology Corporation M263 Datasheet HTML 267Page - Nuvoton Technology Corporation M263 Datasheet HTML 268Page - Nuvoton Technology Corporation M263 Datasheet HTML 269Page - Nuvoton Technology Corporation M263 Datasheet HTML 270Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 266 of 398
Rev 1.02
6
FUNCTIONAL DESCRIPTION
6.1
Arm
® Cortex® -M23 Core
The NuMicro
® M261/M262/M263 series is embedded with the Cortex® -M23 processor. The Cortex® -
M23 processor is a low gate count, two-stage, and highly energy efficient 32-bit RISC processor,
which has an AMBA AHB5 interface, a debug access port supporting serial wire debug and single-
cycle I/O ports. It has an NVIC component and MPU for memory-protection functionality. Figure 6.1-1
shows the functional controller of the processor.
Cortex-M23 processor
Embedded
Trace
Macrocell
(ETM)
Cross
Trigger
Interface
(CTI)
Micro Trace
Buffer
(MTB)
Cortex-M23
processor
core
Nested
Vectored
Interrupt
(NVIC)
Memory Protection
Memory
Protection Unit
(MPU)
Wakeup
Interrupt
Controller
(WIC)
Bus matrix
MTB
SRAM
interface
APB
IRQ and power
control interface
Implementation
Defined Attribution
Unit (IDAU)
ETM
ATB
interface
Slave
AHB
interface
Data
Watchpoint
and Trace
(DWT)
Single-cycle
I/O port
AHB Master
MTB AHB
Flash Patch
and
Breakpoint Unit
(FPB)*
Processor
ROM
table
* Flash Patching is not supported in the Cortex-M23 processor.
Configurable
Optional
Figure 6.1-1 Cortex
® -M23 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com