Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 268 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 268 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 264Page - Nuvoton Technology Corporation M263 Datasheet HTML 265Page - Nuvoton Technology Corporation M263 Datasheet HTML 266Page - Nuvoton Technology Corporation M263 Datasheet HTML 267Page - Nuvoton Technology Corporation M263 Datasheet HTML 268Page - Nuvoton Technology Corporation M263 Datasheet HTML 269Page - Nuvoton Technology Corporation M263 Datasheet HTML 270Page - Nuvoton Technology Corporation M263 Datasheet HTML 271Page - Nuvoton Technology Corporation M263 Datasheet HTML 272Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 268 of 398
Rev 1.02
6.2
System Manager
6.2.1
Overview
System management includes the following sections:
System Reset
System Power Distribution
SRAM Memory Orginization
System Timer (SysTick)
Nested Vectored Interrupt Controller (NVIC)
System Control register
6.2.2
Reset
The system reset can be issued by one of the events listed below. These reset event flags can be
read from SYS_RSTSTS register to determine the reset source. Hardware reset sourcces are from
peripheral signals. Software reset can trigger reset through setting control registers.
Hardware Reset Sources
–
Power-on Reset (POR)
–
Low level on the nRESET pin
–
Watchdog Time-out Reset and Window Watchdog Reset (WDT/WWDT Reset)
–
Low Voltage Reset (LVR)
–
Brown-out Detector Reset (BOD Reset)
–
CPU Lockup Reset
Software Reset Sources
–
CHIP Reset will reset whole chip by writing 1 to CHIPRST (SYS_IPRST0[0])
–
System Reset to reboot but keeping the booting setting from APROM or LDROM by
writing 1 to SYSRESETREQ (AIRCR[2])
–
CPU Reset for Cortex
® -M23 core only by writing 1 to CPURST (SYS_IPRST0[1])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com