Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 271 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 271 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 267Page - Nuvoton Technology Corporation M263 Datasheet HTML 268Page - Nuvoton Technology Corporation M263 Datasheet HTML 269Page - Nuvoton Technology Corporation M263 Datasheet HTML 270Page - Nuvoton Technology Corporation M263 Datasheet HTML 271Page - Nuvoton Technology Corporation M263 Datasheet HTML 272Page - Nuvoton Technology Corporation M263 Datasheet HTML 273Page - Nuvoton Technology Corporation M263 Datasheet HTML 274Page - Nuvoton Technology Corporation M263 Datasheet HTML 275Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 271 of 398
Rev 1.02
Other Peripheral
Registers
Reset Value
-
FMC Registers
Reset Value
Note: ‘-‘ means that the value of register keeps original setting.
Table 6.2-1 Reset Value of Registers
6.2.2.1
nRESET Reset
The nRESET reset means to generate a reset signal by pulling low nRESET pin, which is an
asynchronous reset input pin and can be used to reset system at any time. When the nRESET voltage
is lower than 0.2 VDD and the state keeps longer than 32 us (glitch filter), chip will be reset. The
nRESET reset will control the chip in reset state until the nRESET voltage rises above 0.7 VDD and the
state keeps longer than 32 us (glitch filter). The PINRF(SYS_RSTSTS[1]) will be set to 1 if the
previous reset source is nRESET reset. Figure 6.2-2 shows the nRESET reset waveform.
nRESET
0.2 VDD
0.7 VDD
nRESET Reset
32 us
32 us
Figure 6.2-2 nRESET Reset Waveform
6.2.2.2
Power-on Reset (POR)
The Power-on reset (POR) is used to generate a stable system reset signal and forces the system to
be reset when power-on to avoid unexpected behavior of MCU. When applying the power to MCU, the
POR module will detect the rising voltage and generate reset signal to system until the voltage is
ready for MCU operation. At POR reset, the PORF(SYS_RSTSTS[0]) will be set to 1 to indicate there
is a POR reset event. The PORF(SYS_RSTSTS[0]) bit can be cleared by writing 1 to it. Figure 6.2-3
shows the power-on reset waveform.
VDD
VPOR
Power-on
Reset
0.1V
Figure 6.2-3 Power-on Reset (POR) Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com