Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 267 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 267 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 263Page - Nuvoton Technology Corporation M263 Datasheet HTML 264Page - Nuvoton Technology Corporation M263 Datasheet HTML 265Page - Nuvoton Technology Corporation M263 Datasheet HTML 266Page - Nuvoton Technology Corporation M263 Datasheet HTML 267Page - Nuvoton Technology Corporation M263 Datasheet HTML 268Page - Nuvoton Technology Corporation M263 Datasheet HTML 269Page - Nuvoton Technology Corporation M263 Datasheet HTML 270Page - Nuvoton Technology Corporation M263 Datasheet HTML 271Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 267 of 398
Rev 1.02
Cortex
® -M23 processor features:
Arm
® v8-M Baseline architecture.
Arm
® v8-M Baseline Thumb® -2 instruction set that combines high code density with 32-bit
performance.
Support for single-cycle I/O access.
Power control optimization of system components.
Integrated sleep modes for low power consumption.
Optimized code fetching for reduced Flash and ROM power consumption.
A 32-bit Single cycle Hardware multiplier.
A 32-bit Hardware divider.
Deterministic, high-performance interrupt handling for time-critical applications.
Deterministic instruction cycle timing.
Support for system level debug authentication.
Support for Arm
® Debug Interface Architecture ADIv5.1 Serial Wire Debug (SWD).
ETM for instruction trace.
Separated privileged and unprivileged modes.
Protected Memory System Architecture (PMSAv8) Memory Protection Units (MPU).
SysTick timer.
A Nested Vectored Interrupt Controller (NVIC) closely integrated with the processor with
up to 240 interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com