Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 270 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 270 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 266Page - Nuvoton Technology Corporation M263 Datasheet HTML 267Page - Nuvoton Technology Corporation M263 Datasheet HTML 268Page - Nuvoton Technology Corporation M263 Datasheet HTML 269Page - Nuvoton Technology Corporation M263 Datasheet HTML 270Page - Nuvoton Technology Corporation M263 Datasheet HTML 271Page - Nuvoton Technology Corporation M263 Datasheet HTML 272Page - Nuvoton Technology Corporation M263 Datasheet HTML 273Page - Nuvoton Technology Corporation M263 Datasheet HTML 274Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 270 of 398
Rev 1.02
LXTEN
(CLK_PWRCTL[1])
0x0
-
-
-
-
-
-
-
-
WDTCKEN
(CLK_APBCLK0[0])
0x1
-
0x1
-
-
-
0x1
-
-
WDTSEL
(CLK_CLKSEL1[1:0])
0x3
0x3
-
-
-
-
-
-
-
HXTSTB
(CLK_STATUS[0])
0x0
-
-
-
-
-
-
-
-
LXTSTB
(CLK_STATUS[1])
0x0
-
-
-
-
-
-
-
-
PLLSTB
(CLK_STATUS[2])
0x0
-
-
-
-
-
-
-
-
HIRCSTB
(CLK_STATUS[4])
0x0
-
-
-
-
-
-
-
-
CLKSFAIL
(CLK_STATUS[7])
0x0
0x0
-
-
-
-
-
-
-
CLK_PLLCTL
0x000D_44
0A
-
-
-
-
-
-
-
-
PDMSEL
(CLK_PMUCTL [2:0])
0x0
-
-
-
-
-
-
-
-
RSTEN
(WDT_CTL[1])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
Reload
from
CONFIG0
-
-
WDTEN
(WDT_CTL[7])
WDT_CTL
except bit 1 and bit 7.
0x0700
0x0700
0x0700
0x0700
0x0700
-
0x0700
-
-
WDT_ALTCTL
0x0000
0x0000
0x0000
0x0000
0x0000
-
0x0000
-
-
WWDT_RLDCNT
0x0000
0x0000
0x0000
0x0000
0x0000
-
0x0000
-
-
WWDT_CTL
0x3F0800
0x3F0800 0x3F0800 0x3F0800 0x3F0800 -
0x3F0800
-
-
WWDT_STATUS
0x0000
0x0000
0x0000
0x0000
0x0000
-
0x0000
-
-
WWDT_CNT
0x3F
0x3F
0x3F
0x3F
0x3F
-
0x3F
-
-
BS
(FMC_ISPCTL[1])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
Reload
from
CONFIG0
-
-
BL
(FMC_ISPCTL[16])
CBS
(FMC_ISPSTS[2])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
Reload
from
CONFIG0
-
-
VECMAP
(FMC_ISPSTS[23:9])
Reload
base
on
CONFIG0
Reload
base
on
CONFIG0
Reload
base
on
CONFIG0
Reload
base
on
CONFIG0
Reload
base
on
CONFIG0
-
Reload
base
on
CONFIG0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com